データシートサーチシステム |
|
SS-13F28-GNS データシート(PDF) 8 Page - C&K Components |
|
SS-13F28-GNS データシート(HTML) 8 Page - C&K Components |
8 / 38 page 2-Ø1.55 1 2 3 4 C C C C 12-Ø0.8 SCHEMATIC PIERCING PLAN 2 16 2 22 2 2P - 4T R0.7 R0.5 16 1.5 1.2 2 2 2 2 2 0.5 2 2 2.5 0.5 2 8.5 16.5 2.5 0.35 0.05 90° 0.05 0.6 0.60.6 K DETAIL 2 : 1 COMAX TRAVEL P DETAIL 2 : 1 3 G = K P I–104 Dimensions are shown: mm Specifications and dimensions subject to change www.ck-components.com SS-23D28-G NS 2P3T NON-SHORTING SS-24D28-G NS 2P4T NON-SHORTING I SCHEMATIC PIERCING PLAN 2-Ø1.55 10-Ø0.8 22 2 14 2 C C 1 3 2 2P - 3T 0.05 0.6 90° 0.6 0.6 0.05 R0.5 1.5 1.2 R0.7 14 2 2.5 2 COMAX 0.5 2 G = 22 0.5 TRAVEL P 2 14.5 6.5 2.5 0.35 P DETAIL 3 : 1 3 K K DETAIL 2 : 1 Specifications CONTACT RATING: 0.3A @ 30 VDC INITIAL CONTACT RESISTANCE: 30 m ohms max. INSULATION RESISTANCE: 100 M ohms min. DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open terminals and between the frame and terminal. OPERATING LIFE: 10,000 cycles with load OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N) 300 ± 150 gf (2.94 ± 1.47N) TRAVEL: 2 ± 0.3 mm OPERATING TEMPERATURE: -20˚C to 70˚C Materials KNOB: POM FRAME: SPCC CONTACT: Silver clad TERMINAL: Silver plated Specifications CONTACT RATING: 0.3A @ 30 VDC INITIAL CONTACT RESISTANCE: 30 m ohms max. INSULATION RESISTANCE: 100 M ohms min. DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open terminals and between the frame and terminal. OPERATING LIFE: 10,000 cycles with load OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N) 250 ± 100 gf (2.45 ± 0.98N); 300 ± 100 gf (2.94 ± 0.98N) TRAVEL: 2 ± 0.3 mm OPERATING TEMPERATURE: -20˚C to 70˚C Materials KNOB: POM FRAME: SPCC CONTACT: Silver clad TERMINAL: Silver plated SS Series Miniature Slide Switches |
同様の部品番号 - SS-13F28-GNS |
|
同様の説明 - SS-13F28-GNS |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |