データシートサーチシステム |
|
SS-43F28-GNS データシート(PDF) 2 Page - C&K Components |
|
SS-43F28-GNS データシート(HTML) 2 Page - C&K Components |
2 / 38 page 1P - 2T 1 2 TYP.3 2.5 Ø0.8 2.5 SCHEMATIC PIERCING PLAN 3.6 9 2.5 2.5 0.5 2 TRAVEL 3.3 1.5 3.6 0.3 1.5 G = SS-22D0205-G DPDT NON-SHORTING 2 TYP.6 2.5 Ø0.8 2.5 SCHEMATIC PIERCING PLAN 2P - 2T 1 3.6 9 2.5 2.5 0.5 2 TRAVEL 1.5 0.3 1.5 G = 3.30 3.60 I–98 Dimensions are shown: mm Specifications and dimensions subject to change www.ck-components.com I SS-12D1505-G 1P2T NON-SHORTING SS Series Miniature Slide Switches Specifications CONTACT RATING: 0.3A @ 6 VDC INITIAL CONTACT RESISTANCE: 70 m ohms max. INSULATION RESISTANCE: 100 M ohms min. DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open terminals and between the frame and terminal. OPERATING LIFE: 10,000 cycles with load OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N) TRAVEL: 2 ± 0.3 mm OPERATING TEMPERATURE: -20˚C to 80˚C Materials KNOB: PA COVER: SUS HOUSING: PA CONTACT: Silver clad TERMINAL: Silver plated Specifications CONTACT RATING: 0.3A @ 6 VDC INITIAL CONTACT RESISTANCE: 70 m ohms max. INSULATION RESISTANCE: 100 M ohms min. DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open terminals and between the frame and terminal. OPERATING LIFE: 10,000 cycles with load OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N) TRAVEL: 2 ± 0.3 mm OPERATING TEMPERATURE: -20˚C to 80˚C Materials KNOB: PA COVER: SUS HOUSING: PA CONTACT: Silver clad TERMINAL: Silver plated |
同様の部品番号 - SS-43F28-GNS |
|
同様の説明 - SS-43F28-GNS |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |