データシートサーチシステム |
|
SS-22H08-G データシート(PDF) 4 Page - C&K Components |
|
SS-22H08-G データシート(HTML) 4 Page - C&K Components |
4 / 38 page SCHEMATIC PIERCING PLAN 8-Ø0.8 1 2 3 22 2 2 2P - 3T 13 2 4 2 0.3 1.5 1.5 0.6 TRAVEL 2 2 A BC I–100 Dimensions are shown: mm Specifications and dimensions subject to change www.ck-components.com SS-23D31-G 1.5 NS 2P3T NON-SHORTING SS-12D01-G E NS 1P2T NON-SHORTING I G = COMAX 0.2x45° TRAVEL 0.2x45° 2 8.3 2 0.5 1.5 2 0.3 8.6 0.8 0.3 1.5 1P - 2T SCHEMATIC PIERCING PLAN 2-Ø1.1 2 8.3 2 3-Ø0.8 2 1 Specifications CONTACT RATING: 0.3A @ 6 VDC INITIAL CONTACT RESISTANCE: 70 m ohms max. INSULATION RESISTANCE: 100 M ohms min. DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open terminals and between the frame and terminal. OPERATING LIFE: 10,000 cycles with load OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N) 250 ± 100 gf (2.47 ± 0.98N) TRAVEL: 2 ± 0.3 mm OPERATING TEMPERATURE: -20˚C to 70˚C Materials KNOB: PA COVER: SUS HOUSING: PA CONTACT: Silver clad TERMINAL: Silver plated Specifications CONTACT RATING: 0.3A @ 30 VDC INITIAL CONTACT RESISTANCE: 30 m ohms max. INSULATION RESISTANCE: 100 M ohms min. DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open terminals and between the frame and terminal. OPERATING LIFE: 10,000 cycles with load OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N) TRAVEL: 2 ± 0.3 mm OPERATING TEMPERATURE: -20˚C to 70˚C Materials KNOB: POM COVER: SUS FRAME: SPTE CONTACT: Silver clad TERMINAL: Silver plated SS Series Miniature Slide Switches |
同様の部品番号 - SS-22H08-G |
|
同様の説明 - SS-22H08-G |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |