データシートサーチシステム |
|
SS-22H08-G データシート(PDF) 9 Page - C&K Components |
|
SS-22H08-G データシート(HTML) 9 Page - C&K Components |
9 / 38 page SS-42D28-G NS 4P2T NON-SHORTING SS-43D28-G NS 4P3T NON-SHORTING I–105 Dimensions are shown: mm Specifications and dimensions subject to change www.ck-components.com I 4P - 2T SCHEMATIC PIERCING PLAN 2 16 22 2 2 2-Ø1.55 12-Ø0.8 12 22 16 22 2 COMAX 2.5 0.5 G = TRAVEL 2 P 4.5 16.5 2.5 P DETAIL 3 : 1 0.5 3 0.4 K K DETAIL 2 : 1 0.05 90° 0.6 0.60.6 0.05 R0.7 1.5 1.2 R0.5 C C 1 2 3 C C SCHEMATIC PIERCING PLAN 2 2 2 24 2 2 2 2 2 2 2-Ø1.55 20-Ø0.8 4P - 3T R0.7 R0.5 0.5 2 2 2 2 2 2 2 2 2 24 1.5 1.2 2 2 0.5 2.5 24.5 6.5 2.5 0.35 3 0.05 0.05 90° 0.6 0.6 0.6 K DETAIL 3 : 1 G = COMAX TRAVEL P P DETAIL 2 : 1 K Specifications CONTACT RATING: 0.3A @ 30 VDC INITIAL CONTACT RESISTANCE: 30 m ohms max. INSULATION RESISTANCE: 100 M ohms min. DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open terminals and between the frame and terminal. OPERATING LIFE: 10,000 cycles with load OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N) TRAVEL: 2 ± 0.3 mm OPERATING TEMPERATURE: -20˚C to 70˚C Materials KNOB: POM FRAME: SPCC CONTACT: Silver clad TERMINAL: Silver plated Specifications CONTACT RATING: 0.3A @ 30 VDC INITIAL CONTACT RESISTANCE: 30 m ohms max. INSULATION RESISTANCE: 100 M ohms min. DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open terminals and between the frame and terminal. OPERATING LIFE: 10,000 cycles with load OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N) 300 ± 150 gf (2.94 ± 1.47N) TRAVEL: 2 ± 0.3 mm OPERATING TEMPERATURE: -20˚C to 70˚C Materials KNOB: POM FRAME: SPCC CONTACT: Silver clad TERMINAL: Silver plated SS Series Miniature Slide Switches |
同様の部品番号 - SS-22H08-G |
|
同様の説明 - SS-22H08-G |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |