データシートサーチシステム |
|
SS-22H16-G データシート(PDF) 7 Page - C&K Components |
|
SS-22H16-G データシート(HTML) 7 Page - C&K Components |
7 / 38 page SCHEMATIC PIERCING PLAN 2 2 14 2-Ø1.55 6-Ø0.8 2 1 2P - 2T R0.7 R0.5 1.5 1.2 0.05 0.6 90° 0.6 0.6 0.05 K DETAIL 2 : 1 14 2 2.5 COMAX 0.5 G = 2 0.5 P TRAVEL 2 14.5 4.5 2.5 0.35 P DETAIL 2 : 1 3 K SS-13D04-G 1P3T SS-22D28-G NS 2P2T NON-SHORTING I–103 Dimensions are shown: mm Specifications and dimensions subject to change www.ck-components.com I 0.2x45° 0.2x45° COMAX 1P - 3T G = TRAVEL 1 23 4-Ø0.8 2 4 2 0.3 1.5 1.5 4 2 2 0.5 2 2 12.1 SCHEMATIC PIERCING PLAN C A B Specifications CONTACT RATING: 0.3A @ 30 VDC INITIAL CONTACT RESISTANCE: 30 m ohms max. INSULATION RESISTANCE: 100 M ohms min. DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open terminals and between the frame and terminal. OPERATING LIFE: 10,000 cycles with load OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N) 250 ± 100 gf (2.47 ± 0.98N) TRAVEL: 2 ± 0.3 mm OPERATING TEMPERATURE: -20˚C to 70˚C Materials KNOB: POM FRAME: SPTE CONTACT: Silver clad TERMINAL: Silver plated Specifications CONTACT RATING: 0.3A @ 30 VDC INITIAL CONTACT RESISTANCE: 30 m ohms max. INSULATION RESISTANCE: 100 M ohms min. DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open terminals and between the frame and terminal. OPERATING LIFE: 10,000 cycles with load OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N) TRAVEL: 2 ± 0.3 mm OPERATING TEMPERATURE: -20˚C to 70˚C Materials KNOB: POM FRAME: SPCC CONTACT: Silver clad TERMINAL: Silver plated SS Series Miniature Slide Switches |
同様の部品番号 - SS-22H16-G |
|
同様の説明 - SS-22H16-G |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |