データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-3700W データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 HCPL-3700W
部品情報  AC/DC TO LOGIC INTERFACE OPTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-3700W データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button HCPL-3700W Datasheet HTML 3Page - Fairchild Semiconductor HCPL-3700W Datasheet HTML 4Page - Fairchild Semiconductor HCPL-3700W Datasheet HTML 5Page - Fairchild Semiconductor HCPL-3700W Datasheet HTML 6Page - Fairchild Semiconductor HCPL-3700W Datasheet HTML 7Page - Fairchild Semiconductor HCPL-3700W Datasheet HTML 8Page - Fairchild Semiconductor HCPL-3700W Datasheet HTML 9Page - Fairchild Semiconductor HCPL-3700W Datasheet HTML 10Page - Fairchild Semiconductor HCPL-3700W Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
11/8/04
Page 7 of 11
© 2003 Fairchild Semiconductor Corporation
AC/DC TO LOGIC INTERFACE
OPTOCOUPLER
HCPL-3700
5
6
7
8
3
4
2
1
Z = 50
tr = 5ns
Generator
Pulse
O
.1uf
bypass
O
(V )
+5V
R
L
Output
PHL
t
PLH
t
5V
2.5V
IN
(V )
Input
(V )
Output
O
1.5 V
90%
AC
DC+
DC-
AC
GND
V
V
O
CC
AC
DC-
DC+
AC
4
3
2
1
Output
O
GND
V
5
6
(V )
R
bypass
.1uf
CC
V
7
8
L
O
V
FF
IIN
A
B
+5V
C **
L
* SEE NOTE 8
R *
CC
+
Pulse Gen
CM
V
-
** C IS 30 pF, WHICH INCLUDES PROBE
AND STRAY WIRING CAPACITANCE
L
90%
10%
10%
r
tt f
0V
VO
OL
V
Switching Pos. (A)
I
= 0 mA
VO
VCM
Switching Pos. (B)
I
= 3.11 mA
V (Max)
V (Min)
O
O
IN
IN
CML
H
O
V
VOL
CM
V
VCM
L
H
CM
5V
5V
V
Pulse Amplitude = 50 V
Pulse Width = 1 ms
f = 100 Hz
T = T = 1.0
µs (10 - 90%)
IN
rf
Fig. 9. Switching Test Circuit
Fig. 10. Test Circuit for Common Mode Transient Immunity and Typical Waveforms


同様の部品番号 - HCPL-3700W

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
Fairchild Semiconductor
HCPL-3700 FAIRCHILD-HCPL-3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3700 AVAGO-HCPL-3700 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3700 AVAGO-HCPL-3700 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
More results

同様の説明 - HCPL-3700W

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HCPL3700S FAIRCHILD-HCPL3700S Datasheet
142Kb / 9P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700 FAIRCHILD-HCPL3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700V FAIRCHILD-HCPL3700V Datasheet
271Kb / 11P
   AC/DC to Logic Interface Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-2503-000E AVAGO-HCPL-2503-000E Datasheet
316Kb / 12P
   Single Channel, High Speed Logic Interface Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com