データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMK61E2 データシート(PDF) 5 Page - Texas Instruments

部品番号 LMK61E2
部品情報  Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61E2 データシート(HTML) 5 Page - Texas Instruments

  LMK61E2_16 Datasheet HTML 1Page - Texas Instruments LMK61E2_16 Datasheet HTML 2Page - Texas Instruments LMK61E2_16 Datasheet HTML 3Page - Texas Instruments LMK61E2_16 Datasheet HTML 4Page - Texas Instruments LMK61E2_16 Datasheet HTML 5Page - Texas Instruments LMK61E2_16 Datasheet HTML 6Page - Texas Instruments LMK61E2_16 Datasheet HTML 7Page - Texas Instruments LMK61E2_16 Datasheet HTML 8Page - Texas Instruments LMK61E2_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
5
LMK61E2
www.ti.com
SNAS674A – SEPTEMBER 2015 – REVISED APRIL 2016
Product Folder Links: LMK61E2
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
An output frequency over fOUT max spec is possible, but output swing may be less than VOD min spec.
(3)
Ensured by characterization.
6.6 LVPECL Output Characteristics
(1)
VDD = 3.3 V ± 5%, TA = –40C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output Frequency(2)
10
1000
MHz
VOD
Output Voltage Swing
(VOH - VOL)
(2)
700
800
1200
mV
VOUT, DIFF, PP
Differential Output Peak-to-
Peak Swing
2 x
|VOD|
V
VOS
Output Common Mode
Voltage
VDD –
1.55
V
tR / tF
Output Rise/Fall Time (20% to
80%)(3)
120
200
ps
PN-Floor
Output Phase Noise Floor
(fOFFSET > 10 MHz)
156.25 MHz
–165
dBc/Hz
ODC
Output Duty Cycle(3)
45%
55%
(1)
An output frequency over fOUT max spec is possible, but output swing may be less than VOD min spec.
(2)
Ensured by characterization.
6.7 LVDS Output Characteristics
(1)
VDD = 3.3 V ± 5%, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output Frequency(1)
10
900
MHz
VOD
Output Voltage Swing
(VOH - VOL)
(1)
300
390
480
mV
VOUT, DIFF, PP Differential Output Peak-to-
Peak Swing
2 x
|VOD|
V
VOS
Output Common Mode
Voltage
1.2
V
tR / tF
Output Rise/Fall Time (20% to
80%)(2)
150
250
ps
PN-Floor
Output Phase Noise Floor
(fOFFSET > 10 MHz)
156.25 MHz
–162
dBc/Hz
ODC
Output Duty Cycle(2)
45%
55%
ROUT
Differential Output Impedance
125
Ω


同様の部品番号 - LMK61E2_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-100M00 TI1-LMK61E2-100M00 Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-100M00 TI1-LMK61E2-100M00 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-100M00SIAR TI1-LMK61E2-100M00SIAR Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

同様の説明 - LMK61E2_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK61E0M TI1-LMK61E0M Datasheet
856Kb / 47P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
LMK61E07 TI1-LMK61E07 Datasheet
1Mb / 52P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
LMK61E08 TI-LMK61E08 Datasheet
1Mb / 54P
[Old version datasheet]   LMK61E08 Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator
logo
Micrel Semiconductor
MX852BB0030 MICREL-MX852BB0030 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
MX852EB0027 MICREL-MX852EB0027 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
DSC8102 MICREL-DSC8102 Datasheet
605Kb / 6P
   Programmable Low-Jitter Precision LVPECL Oscillator
DSC8103 MICREL-DSC8103 Datasheet
609Kb / 6P
   Programmable Low-Jitter Precision LVDS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com