データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7440650022 データシート(PDF) 2 Page - Texas Instruments

部品番号 7440650022
部品情報  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

7440650022 データシート(HTML) 2 Page - Texas Instruments

  7440650022 Datasheet HTML 1Page - Texas Instruments 7440650022 Datasheet HTML 2Page - Texas Instruments 7440650022 Datasheet HTML 3Page - Texas Instruments 7440650022 Datasheet HTML 4Page - Texas Instruments 7440650022 Datasheet HTML 5Page - Texas Instruments 7440650022 Datasheet HTML 6Page - Texas Instruments 7440650022 Datasheet HTML 7Page - Texas Instruments 7440650022 Datasheet HTML 8Page - Texas Instruments 7440650022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
LM53602, LM53603
SNVSAR0 – NOVEMBER 2016
www.ti.com
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics........................................... 6
7.6
System Characteristics ............................................. 7
7.7
Timing Requirements ................................................ 8
7.8
Typical Characteristics .............................................. 9
8
Detailed Description ............................................ 10
8.1
Overview ................................................................ 10
8.2
Functional Block Diagram ....................................... 10
8.3
Feature Description................................................. 11
8.4
Device Functional Modes........................................ 15
9
Application and Implementation ........................ 18
9.1
Application Information............................................ 18
9.2
Typical Applications ................................................ 18
9.3
Typical Adjustable Industrial Application Circuit ..... 28
9.4
Do's and Don't's ...................................................... 28
10
Power Supply Recommendations ..................... 29
11
Layout................................................................... 30
11.1
Layout Guidelines ................................................. 30
11.2
Layout Example .................................................... 32
12
Device and Documentation Support ................. 33
12.1
Device Support .................................................... 33
12.2
Documentation Support ........................................ 33
12.3
Related Links ........................................................ 33
12.4
Receiving Notification of Documentation Updates 34
12.5
Community Resources.......................................... 34
12.6
Trademarks ........................................................... 34
12.7
Electrostatic Discharge Caution ............................ 34
12.8
Glossary ................................................................ 34
13
Mechanical, Packaging, and Orderable
Information ........................................................... 34
4 Revision History
DATE
REVISION
NOTES
November 2016
*
Initial release.


同様の部品番号 - 7440650022

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7440650022 WURTH-7440650022 Datasheet
153Kb / 4P
   POWER-CHOKE WE-TPC
logo
List of Unclassifed Man...
7440650022 ETC2-7440650022 Datasheet
164Kb / 2P
   Design Kit SMD-Tiny Power Inductors WE-TPC - Large Size
logo
Wurth Elektronik GmbH &...
7440650022 WURTH-7440650022_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results

同様の説明 - 7440650022

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM53625-Q1 TI-LM53625-Q1_V01 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com