データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7440650022 データシート(PDF) 5 Page - Texas Instruments

部品番号 7440650022
部品情報  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

7440650022 データシート(HTML) 5 Page - Texas Instruments

  7440650022 Datasheet HTML 1Page - Texas Instruments 7440650022 Datasheet HTML 2Page - Texas Instruments 7440650022 Datasheet HTML 3Page - Texas Instruments 7440650022 Datasheet HTML 4Page - Texas Instruments 7440650022 Datasheet HTML 5Page - Texas Instruments 7440650022 Datasheet HTML 6Page - Texas Instruments 7440650022 Datasheet HTML 7Page - Texas Instruments 7440650022 Datasheet HTML 8Page - Texas Instruments 7440650022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
LM53602, LM53603
www.ti.com
SNVSAR0 – NOVEMBER 2016
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
See System Characteristics for details of input voltage range.
(2)
Under no conditions should the output voltage be allowed to fall below zero volts.
(3)
An extended output voltage range to 10 V is possible with changes to the typical application schematic. Also, some system
specifications are not achieved for output voltages greater than 6 V. Consult the factory for further information.
(4)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
7.3 Recommended Operating Conditions
over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input voltage(1)
3.9
36
V
Output voltage : fixed 5 V(2)
0
5
V
Output voltage : fixed 3.3 V(2)
0
3.3
V
Output voltage adjustment range: ADJ(2)(3)
3.3
10
V
Output current for LM53603
0
3
A
Output current for LM53602
0
2
A
RESET pin current
0
1
mA
Operating junction temperature(4)
–40
150
°C
(1)
The values given in this table are only valid for comparison with other packages and cannot be used for design purposes. These values
were calculated in accordance with JESD 51-7, and simulated on a 4-layer JEDEC board. They do not represent the performance
obtained in an actual application. For design information please see the Maximum Ambient Temperature section. For more information
about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report and the Using
New Thermal Metrics (SBVA025) application report.
7.4 Thermal Information
THERMAL METRIC(1)
LM53603,
LM53602
UNIT
PWP (HTSSOP)
16 PINS
RθJA
Junction-to-ambient thermal resistance
42.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
22.6
°C/W
RθJB
Junction-to-board thermal resistance
16.2
°C/W
ψJT
Junction-to-top characterization parameter
0.6
°C/W
ψJB
Junction-to-board characterization parameter
16.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.1
°C/W


同様の部品番号 - 7440650022

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7440650022 WURTH-7440650022 Datasheet
153Kb / 4P
   POWER-CHOKE WE-TPC
logo
List of Unclassifed Man...
7440650022 ETC2-7440650022 Datasheet
164Kb / 2P
   Design Kit SMD-Tiny Power Inductors WE-TPC - Large Size
logo
Wurth Elektronik GmbH &...
7440650022 WURTH-7440650022_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results

同様の説明 - 7440650022

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM53625-Q1 TI-LM53625-Q1_V01 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com