データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7440650022 データシート(PDF) 6 Page - Texas Instruments

部品番号 7440650022
部品情報  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

7440650022 データシート(HTML) 6 Page - Texas Instruments

Back Button 7440650022 Datasheet HTML 2Page - Texas Instruments 7440650022 Datasheet HTML 3Page - Texas Instruments 7440650022 Datasheet HTML 4Page - Texas Instruments 7440650022 Datasheet HTML 5Page - Texas Instruments 7440650022 Datasheet HTML 6Page - Texas Instruments 7440650022 Datasheet HTML 7Page - Texas Instruments 7440650022 Datasheet HTML 8Page - Texas Instruments 7440650022 Datasheet HTML 9Page - Texas Instruments 7440650022 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
LM53602, LM53603
SNVSAR0 – NOVEMBER 2016
www.ti.com
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Minimum and maximum limits are 100% production tested at 25°C. Limits over the operating temperature range are verified through
correlation using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
This is the input voltage at which the device starts to operate (rising). The device shuts down when the input voltage goes below this
value minus the hysteresis.
(3)
This is the current used by the device, open loop. It does not represent the total input current of the system when in regulation. See
Isupply in System Characteristics
(4)
The FB pin is set to 5.5 V for this test.
(5)
Below this voltage on the EN input, the device shuts down completely.
(6)
See the Current Limit section for an explanation of valley current limit.
7.5 Electrical Characteristics
Limits apply to the recommended operating junction temperature range of –40°C to 150°C, unless otherwise noted. Minimum
and maximum limits are verified through test, design, or statistical correlation. Typical values represent the most likely
parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following conditions
apply: VIN = 13.5 V.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX(1)
UNIT
VFB
Initial reference voltage accuracy
for 5-V and 3.3-V options
VIN = 3.8 V to 36 V, FPWM,
TJ = 25°C
–1%
1%
VIN = 3.8 V to 36 V, FPWM
–1.25%
1.25%
VREF
Reference voltage for ADJ option
VIN = 3.8 V to 36 V, FPWM,
TJ = 25°C
0.993
1
1.007
V
VIN = 3.8 V to 36 V, FPWM,
TJ = –40°C to 125°C
0.99
1
1.01
VIN-operate
Minimum input voltage to
operate(2)
Rising
3.2
3.95
V
Falling
2.9
3.55
Hysteresis, below
0.34
IQ
Operating quiescent current;
measured at VIN pin(3)(4)
VBIAS = 5 V,
TJ = –40°C to 125°C
8
13
µA
ISD
Shutdown quiescent current;
measured at VIN pin
EN
≤ 0.4 V, TJ = 25°C
1.7
µA
EN
≤ 0.4 V, TJ = 125°C
3.5
IB
Current into the BIAS pin(4)
VBIAS = 5 V, FPWM = 3.3 V
47
78
µA
IEN
Current into EN pin
VIN = VEN = 13.5 V
2.3
µA
IFB
Bias current into FB pin
ADJ option
10
nA
VRESET
RESET upper threshold voltage
Rising, % of nominal Vout
105%
107%
110%
RESET lower threshold voltage
Falling, % of nominal Vout
92%
94%
96.5%
RESET lower threshold voltage
with respect to output voltage
Falling, % actual Vout
94.5%
95.7%
VRESET-
Hyst
RESET hysteresis as a percent of
output voltage set point
1.5%
VMIN
Minimum input voltage for proper
RESET function
50-µA pullup to RESET pin, VEN = 0 V,
TJ = 25°C
1.5
V
VOL
Low level RESET pin output
voltage
50-µA pullup to RESET pin, Vin = 1.5 V,
EN = 0 V
0.4
V
0.5-mA pullup to RESET pin, Vin = 13.5
V, EN = 0 V
0.4
1-mA pullup to RESET pin, Vin = 13.5 V,
EN = 3.3 V
0.4
VEN
Enable input threshold voltage
Rising
1.7
2
V
Hysteresis, below
0.45
0.55
VEN-off
Enable input threshold for full
shutdown(5)
EN input voltage required for complete
shutdown of the regulator, falling.
0.8
V
VLOGIC
Logic input levels on FPWM and
SYNC pins
VIH
1.5
V
VIL
0.4
IHS
High-side switch current limit
LM53603
4.5
6.2
A
LM53602
2.4
4.4
ILS
Low-side switch current limit(6)
LM53603
3
3.6
4.3
A
LM53602
2
2.4
2.8


同様の部品番号 - 7440650022

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7440650022 WURTH-7440650022 Datasheet
153Kb / 4P
   POWER-CHOKE WE-TPC
logo
List of Unclassifed Man...
7440650022 ETC2-7440650022 Datasheet
164Kb / 2P
   Design Kit SMD-Tiny Power Inductors WE-TPC - Large Size
logo
Wurth Elektronik GmbH &...
7440650022 WURTH-7440650022_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results

同様の説明 - 7440650022

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM53625-Q1 TI-LM53625-Q1_V01 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com