データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7440650022 データシート(PDF) 8 Page - Texas Instruments

部品番号 7440650022
部品情報  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

7440650022 データシート(HTML) 8 Page - Texas Instruments

Back Button 7440650022 Datasheet HTML 4Page - Texas Instruments 7440650022 Datasheet HTML 5Page - Texas Instruments 7440650022 Datasheet HTML 6Page - Texas Instruments 7440650022 Datasheet HTML 7Page - Texas Instruments 7440650022 Datasheet HTML 8Page - Texas Instruments 7440650022 Datasheet HTML 9Page - Texas Instruments 7440650022 Datasheet HTML 10Page - Texas Instruments 7440650022 Datasheet HTML 11Page - Texas Instruments 7440650022 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
LM53602, LM53603
SNVSAR0 – NOVEMBER 2016
www.ti.com
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
This is the time from the rising edge of EN to the time that the soft-start ramp begins.
7.7 Timing Requirements
Limits apply to the recommended operating junction temperature range of –40°C to 150°C, unless otherwise noted. Minimum
and maximum limits are verified through test, design, or statistical correlation. Typical values represent the most likely
parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following conditions
apply: VIN = 13.5 V.
MIN
NOM
MAX
UNIT
TON
Minimum switch on-time, VIN = 20 V
50
80
ns
TOFF
Minimum switch off-time, VIN = 3.8 V
125
200
ns
TRESET-act
Delay time to RESET high signal
2
3
4
ms
TRESET-filter
Glitch filter time for RESET function
12
25
45
µs
TSS
Soft-start time
1
2
3
ms
TEN
Turnon delay, CVCC = 1 µF, TJ = 25°C
(1)
1
ms
TW
Short-circuit wait time (Hiccup time)
5.5
ms


同様の部品番号 - 7440650022

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7440650022 WURTH-7440650022 Datasheet
153Kb / 4P
   POWER-CHOKE WE-TPC
logo
List of Unclassifed Man...
7440650022 ETC2-7440650022 Datasheet
164Kb / 2P
   Design Kit SMD-Tiny Power Inductors WE-TPC - Large Size
logo
Wurth Elektronik GmbH &...
7440650022 WURTH-7440650022_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results

同様の説明 - 7440650022

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM53625-Q1 TI-LM53625-Q1_V01 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com