データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM53602AMPWPR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM53602AMPWPR
部品情報  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM53602AMPWPR データシート(HTML) 1 Page - Texas Instruments

  LM53602AMPWPR Datasheet HTML 1Page - Texas Instruments LM53602AMPWPR Datasheet HTML 2Page - Texas Instruments LM53602AMPWPR Datasheet HTML 3Page - Texas Instruments LM53602AMPWPR Datasheet HTML 4Page - Texas Instruments LM53602AMPWPR Datasheet HTML 5Page - Texas Instruments LM53602AMPWPR Datasheet HTML 6Page - Texas Instruments LM53602AMPWPR Datasheet HTML 7Page - Texas Instruments LM53602AMPWPR Datasheet HTML 8Page - Texas Instruments LM53602AMPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM53602, LM53603
SNVSAR0 – NOVEMBER 2016
LM53603 (3 A), LM53602 (2 A) 3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down
Converters
1
1 Features
1
3-A or 2-A Maximum Load Current
Input Voltage Range From 3.5 V to 36 V:
Transients to 42 V
Adjustable Output Voltage From 3.3 V to 10 V
2.1-MHz Fixed Switching Frequency
±2% Output Voltage Tolerance
–40°C to 150°C Junction Temperature Range
1.7-µA Shutdown Current (Typical)
24-µA Input Supply Current at No Load (Typical)
Reset Output With Filter and Delay
Automatic Light Load Mode for Improved
Efficiency
User-Selectable Forced PWM Mode (FPWM)
Built-In Loop Compensation, Soft-Start, Current
Limit, Thermal Shutdown, UVLO, and External
Frequency Synchronization
Thermally Enhanced 16-Lead Package:
5 mm × 4.4 mm × 1 mm
2 Applications
Industrial Power Supplies in Building and Factory
Automation
Battery Operated Devices
Low-noise and Low-EMI Applications
Optical Communication Systems
3 Description
The LM53603 and LM53602 buck regulators are
specifically
designed
for
12-V
industrial
and
automotive
applications,
providing
an
adjustable
output voltage from 3.3 V to 10 V at 3 A or 2 A, from
an input voltage of up to 36 V. Advanced high-speed
circuitry allows the device to regulate from an input of
up to 20 V, while providing an output of 5 V at a
switching frequency of 2.1 MHz. The innovative
architecture allows the device to regulate a 3.3-V
output from an input voltage of only 3.5 V. All aspects
of this product are optimized for the industrial and
automotive customer. An input voltage range up to 36
V, with transient tolerance up to 42 V, eases input
surge protection design. An open-drain reset output,
with filtering and delay, provides a true indication of
system status. This feature negates the requirement
for an additional supervisory component, saving cost
and board space. Seamless transition between PWM
and PFM modes, along with a no-load operating
current of only 24 µA, ensures high efficiency and
superior transient response at all loads.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM53603
LM53602
HTSSOP (16)
5.00 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Industrial Power Supply With 5-V, 3-A Output


同様の部品番号 - LM53602AMPWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM53602AQPWPRQ1 TI1-LM53602AQPWPRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
LM53602AQPWPTQ1 TI1-LM53602AQPWPTQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
More results

同様の説明 - LM53602AMPWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM53625-Q1 TI-LM53625-Q1_V01 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com