データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM53602AMPWPT データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM53602AMPWPT
部品情報  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM53602AMPWPT データシート(HTML) 4 Page - Texas Instruments

  LM53602AMPWPT Datasheet HTML 1Page - Texas Instruments LM53602AMPWPT Datasheet HTML 2Page - Texas Instruments LM53602AMPWPT Datasheet HTML 3Page - Texas Instruments LM53602AMPWPT Datasheet HTML 4Page - Texas Instruments LM53602AMPWPT Datasheet HTML 5Page - Texas Instruments LM53602AMPWPT Datasheet HTML 6Page - Texas Instruments LM53602AMPWPT Datasheet HTML 7Page - Texas Instruments LM53602AMPWPT Datasheet HTML 8Page - Texas Instruments LM53602AMPWPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
LM53602, LM53603
SNVSAR0 – NOVEMBER 2016
www.ti.com
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
NO.
NAME
15, 16
PGND
G
Power ground to internal low-side MOSFET. Connect to AGND and system ground. Connect pins 15
and 16 directly together at the PCB.
17
EP
G
Exposed die attach paddle. Connect to ground plane for adequate heat sinking and noise reduction.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. Values given
are D.C.
(2)
A maximum of 42 V can be sustained at this pin for a duration of
≤ 500 ms at a duty cycle of ≤ 0.01%.
(3)
Transients on this pin, not exceeding –3 V or +40 V, can be tolerated for a duration of
≤ 100 ns. For transients between 40 V and 42 V,
see note (2).
(4)
Positive current flows into this pin.
(5)
A transient voltage of ±2 V can be sustained for
≤1 µs.
7 Specifications
7.1 Absolute Maximum Ratings
over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
VIN to AGND, PGND(2)
–0.3
40
V
SW to AGND, PGND(3)
–0.3
VIN + 0.3
V
CBOOT to SW
–0.3
3.6
V
EN to AGND, PGND(2)
–0.3
40
V
BIAS to AGND, PGND
–0.3
16
V
FB to AGND, PGND : fixed 5 V and 3.3 V
–0.3
16
V
FB to AGND, PGND : ADJ
–0.3
5.5
V
RESET to AGND, PGND
–0.3
8
V
SYNC, FPWM, to AGND, PGND
–0.3
5.5
V
VCC to AGND, PGND
–0.3
4.2
V
RESET pin current(4)
–0.1
1.2
mA
AGND to PGND(5)
–0.3
0.3
V
Storage temperature, Tstg
–40
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-
001(1)
Pins 1, 2, 3, 12, 13,
±1500
V
Pins 11, 5, 8, 9, 6, 7, 4
±2500
Charged-device model (CDM), per JEDEC specification
JESD22-C101(2)
Pins 3, 4, 5, 6, 7, 11, 12
and 13
±750
Pins 1, 2, 8, 9, 15 and 16
±500


同様の部品番号 - LM53602AMPWPT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM53602AQPWPRQ1 TI1-LM53602AQPWPRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
LM53602AQPWPTQ1 TI1-LM53602AQPWPTQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
More results

同様の説明 - LM53602AMPWPT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM53625-Q1 TI-LM53625-Q1_V01 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com