データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14569B データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC14569B
部品情報  Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14569B データシート(HTML) 4 Page - ON Semiconductor

  MC14569B Datasheet HTML 1Page - ON Semiconductor MC14569B Datasheet HTML 2Page - ON Semiconductor MC14569B Datasheet HTML 3Page - ON Semiconductor MC14569B Datasheet HTML 4Page - ON Semiconductor MC14569B Datasheet HTML 5Page - ON Semiconductor MC14569B Datasheet HTML 6Page - ON Semiconductor MC14569B Datasheet HTML 7Page - ON Semiconductor MC14569B Datasheet HTML 8Page - ON Semiconductor MC14569B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC14569B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
All Types
Unit
Min
Typ
(Note 5)
Max
Output Rise Time
tTLH
5.0
10
15
100
50
40
200
100
80
ns
Output Fall Time
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Turn−On Delay Time
Zero Detect Output
tPLH
5.0
10
15
420
175
125
700
300
250
ns
Q Output
5.0
10
15
675
285
200
1200
500
400
ns
Turn−Off Delay Time
Zero Detect Output
tPHL
5.0
10
15
380
150
100
600
300
200
ns
Q Output
5.0
10
15
530
225
155
1000
400
300
ns
Clock Pulse Width
tWH
5.0
10
15
300
150
115
100
45
30
ns
Clock Pulse Frequency
fcl
5.0
10
15
3.5
9.5
13.0
2.1
5.1
7.8
MHz
Clock Pulse Rise and Fall Time
tTLH, tTHL
5.0
10
15
NO LIMIT
ms
5. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
SWITCHING WAVEFORMS
tWH
Figure 1.
Figure 2.
20 ns
20 ns
CLOCK
Q
CLOCK
ZERO DETECT
90%
50%
10%
50%
90%
10%
tPLH
tPHL
20 ns
20 ns
90%
50%
10%
tWH
tPLH
tPHL
90%
10%
tTLH
tTHL
tTLH
tTHL
fin = fmax


同様の部品番号 - MC14569B

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14569B ONSEMI-MC14569B Datasheet
286Kb / 16P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
March, 2000 ??Rev. 3
MC14569B ONSEMI-MC14569B Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
MC14569BCP ONSEMI-MC14569BCP Datasheet
286Kb / 16P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
March, 2000 ??Rev. 3
MC14569BCP ONSEMI-MC14569BCP Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
MC14569BCPG ONSEMI-MC14569BCPG Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
More results

同様の説明 - MC14569B

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14569B ONSEMI-MC14569B Datasheet
286Kb / 16P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
March, 2000 ??Rev. 3
MC14569B ONSEMI-MC14569B_05 Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP Datasheet
430Kb / 11P
   DUAL BCD/8-BIT BINARY PROGRAMMABLE DOWN COUNTER
logo
Texas Instruments
CD4522BE TI1-CD4522BE Datasheet
527Kb / 15P
[Old version datasheet]   CMOS Programmable BCD Divide-by-N Counter
logo
Hitachi Semiconductor
HD14522B HITACHI-HD14522B Datasheet
104Kb / 7P
   Programmable Divide-by-N 4-bit Counter
logo
ON Semiconductor
SN54-74LS90 ONSEMI-SN54-74LS90 Datasheet
80Kb / 6P
   DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
Motorola, Inc
SN54LS90 MOTOROLA-SN54LS90 Datasheet
109Kb / 6P
   DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
NXP Semiconductors
HEF4522B PHILIPS-HEF4522B Datasheet
107Kb / 10P
   Programmable 4-bit BCD down counter
January 1995
HEF4526B PHILIPS-HEF4526B Datasheet
109Kb / 10P
   Programmable 4-bit binary down counter
January 1995
74HC4059 PHILIPS-74HC4059 Datasheet
147Kb / 20P
   Programmable divide-by-n counter
1998 Jul 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com