データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD230-8SMD データシート(PDF) 3 Page - Sensortechnics GmbH

部品番号 AD230-8SMD
部品情報  APD with 0.04 mm짼 active area
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SENSORTECHNICS [Sensortechnics GmbH]
ホームページ  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD230-8SMD データシート(HTML) 3 Page - Sensortechnics GmbH

  AD230-8SMD Datasheet HTML 1Page - Sensortechnics GmbH AD230-8SMD Datasheet HTML 2Page - Sensortechnics GmbH AD230-8SMD Datasheet HTML 3Page - Sensortechnics GmbH AD230-8SMD Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
First Sensor APD Data Sheet
Part Description AD230-8 SMD
Order # 501078; 501079; 501805
Version 21-08-14
Technical Drawing, Package: LCC6.1
Application hints:
• For high gain applications bias voltage should be temperature compensated
• Please consider basic ESD protection while handling
• Use low noise read-out - IC
• For further questions please refer to document "Instructions for handling and processing"
• Optimum gain: 50-60
European, International Sales:
sales.opto@first-sensor.com
sales.us@first-sensor.com
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
T +49 30 6399 2399
• For low light level applications blocking of ambient light should be used
• Current should be limited by a protecting resistor or current limiting - IC
inside the power supply
F +49 30 639923-752
First Sensor Inc.
5700 Corsa Avenue #105
Westlake Village
CA 91362 USA
USA:
T +1 818 706 3400
F +1 818 889 7053
Diode, protective circuit
Read-out circuit or
min. 0,1 µF,
closest to APD
Current limiting resistor
Bias supply voltage
APD


同様の部品番号 - AD230-8SMD

メーカー部品番号データシート部品情報
logo
Sensortechnics GmbH
AD230-8-2G SENSORTECHNICS-AD230-8-2G Datasheet
584Kb / 3P
   0.230 mm active area
AD230-8TO SENSORTECHNICS-AD230-8TO Datasheet
271Kb / 3P
   APD with 0.04 mm짼 active area
More results

同様の説明 - AD230-8SMD

メーカー部品番号データシート部品情報
logo
Sensortechnics GmbH
AD230-9 SENSORTECHNICS-AD230-9 Datasheet
427Kb / 4P
   APD with 0.04 mm짼 active area
AD230-12 SENSORTECHNICS-AD230-12 Datasheet
736Kb / 4P
   APD with 0.04 mm짼 active area
AD230-8TO SENSORTECHNICS-AD230-8TO Datasheet
271Kb / 3P
   APD with 0.04 mm짼 active area
AD230-9TO SENSORTECHNICS-AD230-9TO Datasheet
438Kb / 4P
   APD with 0.04 mm짼 active area
AD100-8 SENSORTECHNICS-AD100-8 Datasheet
734Kb / 4P
   APD with 0.008 mm짼 active area
AD500-9.5SMD SENSORTECHNICS-AD500-9.5SMD Datasheet
441Kb / 4P
   APD with 0.2 mm짼 active area
AD500-9SMD SENSORTECHNICS-AD500-9SMD Datasheet
385Kb / 4P
   APD with 0.2 mm짼 active area
AD500-12TO SENSORTECHNICS-AD500-12TO Datasheet
157Kb / 2P
   APD with 0.2 mm짼 active area
AD1100-9TO SENSORTECHNICS-AD1100-9TO Datasheet
247Kb / 2P
   APD with 1.0 mm짼 active area
AD800-9TO SENSORTECHNICS-AD800-9TO Datasheet
202Kb / 2P
   APD with 0.5 mm짼 active area
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com