データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBJ5356A データシート(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

部品番号 SMBJ5356A
部品情報  5W Surface Mount Silicon Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DYELEC [DIYI Electronic Technology Co., Ltd.]
ホームページ  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SMBJ5356A データシート(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SMBJ5356A Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SMBJ5356A Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SMBJ5356A Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SMBJ5356A Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMBJ5333A --- SMBJ5388A
5W Surface Mount Silicon Zener Diodes
CASE: JEDEC DO-214AA Molded Plastic
Mounting Position: Any
Polarity: by cathode band
Terminal: solderable per MIL-STD-750, Method 2026
Notes:
1.
Lead temperature at 25oC = TL at mounting plane. Derate linearly above 25oC to zero power at 150oC
2.
Mounted on 5.0mm2 (0.03mm thick) Copper Pads to each terminal.
Zener Voltage 3.3V to 200V.
High Surge Current Capability
Low profile package.
Plastic material has UL flammability classification 94V-O
RoHS compliant in lead-free versions
Features
Mechanical Data
Maximum Ratings & Thermal Characteristics (Ratings at 25℃ ambient temperature unless otherwise specified.)
Power Dissipation
PD
W
Operating and Storage Temperatures
TJ, TSTG
oC
Thermal Resistance
RθJL
oC/W
5
( note 1)
-55 to + 150
25
Parameter
Symbol
Value
Unit


同様の部品番号 - SMBJ5356A

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SMBJ5356A EIC-SMBJ5356A Datasheet
40Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
SMBJ5356A TAYCHIPST-SMBJ5356A Datasheet
1Mb / 2P
   ZENER DIODES
logo
DONGGUAN YOU FENG WEI E...
SMBJ5356A YFWDIODE-SMBJ5356A Datasheet
377Kb / 3P
   Silicon Planar Zener Diodes
More results

同様の説明 - SMBJ5356A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
1N5333B STMICROELECTRONICS-1N5333B Datasheet
208Kb / 5P
   5W SILICON ZENER DIODES
logo
Shanghai Leiditech Elec...
1N5338B LEIDITECH-1N5338B Datasheet
674Kb / 3P
   5W silicon zener diodes
logo
Diotech Company.
SMBJ5333B DIOTECH-SMBJ5333B Datasheet
733Kb / 3P
   5W SURFACE MOUNT SILICON ZENER DIODE
logo
Jinan Jing Heng Electro...
1N5342 JINGHENG-1N5342 Datasheet
69Kb / 2P
   5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5342 JINANJINGHENG-1N5342 Datasheet
281Kb / 3P
   5W SILICON PLANAR ZENER DIODES
1N5388 JINANJINGHENG-1N5388 Datasheet
281Kb / 3P
   5W SILICON PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
   5W, 11V - 51V Surface Mount Silicon Zener Diode
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com