データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD41030HFN-TR データシート(PDF) 6 Page - Rohm

部品番号 BD41030HFN-TR
部品情報  LIN Transceiver for Automotive
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD41030HFN-TR データシート(HTML) 6 Page - Rohm

Back Button BD41030HFN-TR Datasheet HTML 2Page - Rohm BD41030HFN-TR Datasheet HTML 3Page - Rohm BD41030HFN-TR Datasheet HTML 4Page - Rohm BD41030HFN-TR Datasheet HTML 5Page - Rohm BD41030HFN-TR Datasheet HTML 6Page - Rohm BD41030HFN-TR Datasheet HTML 7Page - Rohm BD41030HFN-TR Datasheet HTML 8Page - Rohm BD41030HFN-TR Datasheet HTML 9Page - Rohm BD41030HFN-TR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
BD41030FJ-C
BD41030HFN-C
Absolute Maximum Ratings (Ta = 25°C)
Table 3. Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage on pin BAT
(Note 1)
VBAT
-0.3 to +40.0
V
DC voltage on pin TXD, RXD, NSLP
VTXD,
VRXD,
VNSLP
-0.3 to +7.0
V
DC voltage on pin LIN
VLIN
-27 to +40
V
DC voltage on pin NWAKE
VNWAKE
-1 to VBAT + 0.3
V
Current on pin NWAKE
(Note 2)
INWAKE
-15
mA
DC voltage on pin INH
VINH
-0.3 to VBAT + 0.3
V
Output current at pin INH
IINH
-50 to +15
mA
Power dissipation (SOP-J8)
(Note 3)
Pd
674
mW
Power dissipation (HSON8)
(Note 4)
Pd
630
mW
Storage temperature range
Tstg
-55 to +150
°C
Junction Max temperature
Tjmax
+150
°C
Electro static discharge (HBM)
(Note 4)
VESD
4000
V
(Note 1) Pd, ASO should not be exceeded.
(Note 2) Available only when VNWAKE < VGND-0.3V. Current flow to pin GND.
(Note 3) Regarding above Ta=25°C, Pd decreased at 5.40mW/°C for temperatures when mounted on 70x70x1.6mm Glass-epoxy PCB.
(Note 4) Regarding above Ta=25°C, Pd decreased at 5.04mW/°C for temperatures when mounted on 70x70x1.6mm Glass-epoxy PCB.
(Note 5) JEDEC qualified.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions
Table 4. Recommended Operating Conditions
Parameter
Symbol
Range
Unit
Supply voltage
VBAT
5.0 to 27.0
V
Operating temperature range
Topr
-40 to +125
°C
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
6/21
TSZ02201-0E2E0H500640-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2016.08.18 Rev.002
TSZ22111 • 14 • 001
www.rohm.com


同様の部品番号 - BD41030HFN-TR

メーカー部品番号データシート部品情報
logo
Rohm
BD41033FJ-C ROHM-BD41033FJ-C Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
BD41033FJ-CE2 ROHM-BD41033FJ-CE2 Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
More results

同様の説明 - BD41030HFN-TR

メーカー部品番号データシート部品情報
logo
Rohm
BD41033FJ-C ROHM-BD41033FJ-C Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
   LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
   LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com