データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2722M データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM2722M
部品情報  High Speed Synchronous/Asynchronous MOSFET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2722M データシート(HTML) 4 Page - National Semiconductor (TI)

  LM2722M Datasheet HTML 1Page - National Semiconductor (TI) LM2722M Datasheet HTML 2Page - National Semiconductor (TI) LM2722M Datasheet HTML 3Page - National Semiconductor (TI) LM2722M Datasheet HTML 4Page - National Semiconductor (TI) LM2722M Datasheet HTML 5Page - National Semiconductor (TI) LM2722M Datasheet HTML 6Page - National Semiconductor (TI) LM2722M Datasheet HTML 7Page - National Semiconductor (TI) LM2722M Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VCC
7.5V
CBOOT
42V
CBOOT to SW
8V
SW to PGND
36V
Junction Temperature
+150˚C
Power Dissipation
(Note 2)
720mW
Storage Temperature
−65˚ to 150˚C
ESD Susceptibility
Human Body Model (Note 3)
1kV
Soldering Time, Temperature
10sec., 300˚C
Operating Ratings (Note 1)
VCC
4V to 7V
Junction Temperature Range
−40˚ to 125˚C
Electrical Characteristics
VCC = CBOOT = 5V, SW = GND = 0V, unless otherwise specified. Typicals and limits appearing in plain type apply for T
A =
T
J = +25˚C. Limits appearing in boldface type apply over the entire operating temperature range.
Symbol
Parameter
Condition
Min
Typ
Max
Units
POWER SUPPLY
I
q_op
Operating Quiescent
Current
PWM_IN = 0V
190
300
µA
TOP DRIVER
Peak Pull-Up Current
Test Circuit 1, V
bias = 5V, R
= 0.1
3.0
A
Pull-Up Rds_on
I
CBOOT =IHG = 0.7A
1.0
Peak Pull-down Current
Test Circuit 2, V
bias = 5V, R
= 0.1
−3.2
A
Pull-down Rds_on
I
SW =IHG = 0.7A
0.5
t
4
Rise Time
Timing Diagram, C
LOAD =
3.3nF
17
ns
t
6
Fall Time
12
ns
t
3
Pull-Up Dead Time
Timing Diagram
23
ns
t
5
Pull-Down Delay
Timing Diagram, from
PWM_IN Falling Edge
27
ns
BOTTOM DRIVER
Peak Pull-Up Current
Test Circuit 3, V
bias = 5V, R
= 0.1
3.2
A
Pull-up Rds_on
I
VCC =ILG = 0.7A
1.0
Peak Pull-down Current
Test Circuit 4, V
bias = 5V, R
= 0.1
3.2
A
Pull-down Rds_on
I
GND =ILG = 0.7A
0.5
t
8
Rise Time
Timing Diagram, C
LOAD =
3.3nF
17
ns
t
2
Fall Time
14
ns
t
7
Pull-up Dead Time
Timing Diagram
28
ns
t
1
Pull-down Delay
Timing Diagram, from
PWM_IN Rising Edge
13
ns
LOGIC
V
uvlo_up
Power On Threshold
VCC rises from 0V toward
5V
4
3.7
V
V
uvlo_dn
Under-Voltage-Lock-Out
Threshold
3.0
2.5
V
V
uvlo_hys
Under-Voltage-Lock-Out
Hysteresis
0.7
V
V
IH_EN
SYNC_EN Pin High Input
2.4
V
V
IL_EN
SYNC_EN Pin Low Input
0.8
V
www.national.com
4


同様の部品番号 - LM2722M

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2722MX/NOPB TI-LM2722MX/NOPB Datasheet
843Kb / 16P
[Old version datasheet]   LM27222 High-Speed 4.5A Synchronous MOSFET Driver
More results

同様の説明 - LM2722M

メーカー部品番号データシート部品情報
logo
Semtech Corporation
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
   High Speed Synchronous MOSFET Driver
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Semtech Corporation
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1211 SEMTECH-SC1211 Datasheet
270Kb / 11P
   High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
logo
Linear Technology
LTC4449 LINER-LTC4449 Datasheet
169Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com