データシートサーチシステム |
|
TP12LTZPE22 データシート(PDF) 3 Page - C&K Components |
|
TP12LTZPE22 データシート(HTML) 3 Page - C&K Components |
3 / 6 page A-17 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com A Third Angle Projection TP Series Tiny Pushbutton Switches TERMINATIONS PANEL MOUNTING 10-48 BUSHING 1/4 IN. BUSHING Without locking ring With standard locking ring Without locking ring With standard locking ring SP DP PC MOUNTING Omit center holes for TP11 models SP DP SP DP C PC THRU-HOLE W WIRE WRAP Z SOLDER LUG LT .215" HIGH PLUNGER, .310" HIGH BUSHING, THREADED LT9 .215" HIGH PLUNGER, .310" HIGH BUSHING, UNTHREADED MS9 .130" HIGH PLUNGER SH8 .155" HIGH PLUNGER, .220" HIGH BUSHING, UNTHREADED SH9 .155" HIGH PLUNGER, .220" HIGH BUSHING, UNTHREADED, FLAT SH .155" HIGH PLUNGER, .220" HIGH BUSHING, THREADED, FLAT Standard with Z, C, W terminations. Standard with A, AV, V3 terminations. Not available with Z terminations. Not available with MS9 bushing or P or R contact material. † Subtract .016 (0,41) for models with A, AV or V3 terminations. NOTE: Caps available for plunger options, see page A-20. NOTE: One mounting nut, locking ring and lockwasher supplied standard with 10-48 threaded bushings (two nuts with 1/4-40 bushings). Optional mounting nut and locking ring styles and finishes available separately, see section “Technical Data and Additional Hardware”. |
同様の部品番号 - TP12LTZPE22 |
|
同様の説明 - TP12LTZPE22 |