データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-5FH-3.15A データシート(PDF) 2 Page - Cooper Bussmann, Inc.

部品番号 SS-5FH-3.15A
部品情報  Subminiature fast-acting fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COOPER [Cooper Bussmann, Inc.]
ホームページ  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SS-5FH-3.15A データシート(HTML) 2 Page - Cooper Bussmann, Inc.

  SS-5FH-3.15A Datasheet HTML 1Page - Cooper Bussmann, Inc. SS-5FH-3.15A Datasheet HTML 2Page - Cooper Bussmann, Inc. SS-5FH-3.15A Datasheet HTML 3Page - Cooper Bussmann, Inc. SS-5FH-3.15A Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 10274
Effective July 2014
SS-5FH Series
Subminiature, fast-acting fuses
Amps
1.0I
n
1.5I
n
2.0I
n
3.15A
4 hours, min
10 minutes, max
2 minutes, max
Specifications
Part
number
Voltage
rating
AC
Voltage
rating
DC
Interrupting
rating (amps)
@ rated voltage
(50Hz) AC1
Interrupting
rating (amps) @
rated voltage DC
Typical DC
cold
resistance
(mΩ)2
Typical
pre-arcing
I2t (A2s)3
Typical
voltage
drop @ 1I
n
(mV)4
Max power
dissipation
@ 1I
n (mW)
5
Agency
information
cULus
SS-5FH-3.15A
350
150
100
100
31.5
22.5
168
675
X
1. Interrupting ratings: measured at 100A, 95% to 100% PF on AC.
2. Typical DC cold resistance (measured at <10% of rated current).
3. The typical I2t value is measured at 10 times of I
n.
4. Typical voltage drop @ 1I
n (measured at 20°C ambient temperature at rated current).
5. Maximum power dissipation (measured at 20°C ambient temperature at rated current).
Dimensions - mm (in)
4.30±0.20
[0.170±0.008]
8.50±0.20
[0.335±0.008]
7.85±0.20
[0.309±0.008]
0.50
[0.02]
5.08±0.10
[0.200±0.004]
0.60
[0.024]
4.30±0.30
[0.170±0.012]
min.
dia.
BK Pack
Packaging Codes
-BK
200 fuses in a polybag, lead length L = 4.3±0.3.
-AP
Ammo Pack, 1000 fuses, pitch = 12.7
Recomended pad layout
Electrical characteristics
www.eaton.com/elx


同様の部品番号 - SS-5FH-3.15A

メーカー部品番号データシート部品情報
logo
Eaton All Rights Reserv...
SS-5FH-3.15A EATON-SS-5FH-3.15A Datasheet
1Mb / 4P
   Subminiature fast-acting fuses
More results

同様の説明 - SS-5FH-3.15A

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
6125FF2-R COOPER-6125FF2-R_15 Datasheet
771Kb / 6P
   Fast-acting subminiature fuses
6125FF COOPER-6125FF Datasheet
536Kb / 2P
   Fast-Acting Subminiature Fuses
logo
Eaton All Rights Reserv...
6125FF EATON-6125FF Datasheet
771Kb / 6P
   Fast-acting subminiature fuses
SS-5FH EATON-SS-5FH Datasheet
1Mb / 4P
   Subminiature fast-acting fuses
logo
Cooper Bussmann, Inc.
BKPCB-12-R COOPER-BKPCB-12-R Datasheet
314Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
PC-TRON EATON-PC-TRON Datasheet
1Mb / 2P
   Subminiature radial leaded fast-acting fuses
logo
Cooper Bussmann, Inc.
PCB-3 COOPER-PCB-3 Datasheet
240Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Cooper Bussmann, Inc.
PCB-3-R COOPER-PCB-3-R Datasheet
314Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses PC-Tron Series
PCH-1-1 COOPER-PCH-1-1 Datasheet
315Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses PC-Tron Series
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com