データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-5-3.15A データシート(PDF) 2 Page - Cooper Bussmann, Inc.

部品番号 SS-5-3.15A
部品情報  250 V Subminiature, radial leaded, time-delay fuses
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COOPER [Cooper Bussmann, Inc.]
ホームページ  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SS-5-3.15A データシート(HTML) 2 Page - Cooper Bussmann, Inc.

  SS-5-3.15A Datasheet HTML 1Page - Cooper Bussmann, Inc. SS-5-3.15A Datasheet HTML 2Page - Cooper Bussmann, Inc. SS-5-3.15A Datasheet HTML 3Page - Cooper Bussmann, Inc. SS-5-3.15A Datasheet HTML 4Page - Cooper Bussmann, Inc. SS-5-3.15A Datasheet HTML 5Page - Cooper Bussmann, Inc. SS-5-3.15A Datasheet HTML 6Page - Cooper Bussmann, Inc. SS-5-3.15A Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Technical Data
2621
Effective January 2016
SS-5
250 V Subminiature, radial leaded, time-delay fuses
www.eaton.com/elx
Electrical characteristics
l
n
1.5l
n
minimum
minute
2.1l
n
maximum
minute
2.75l
n
minimum
ms
2.75l
n
maximum
s
4l
n
minimum
ms
4l
n
maximum
s
10l
n
minimum
ms
10l
n
maximum
ms
200 mA – 6.3 A
60
2
400
10
150
3
20
150
Product specifications
Part number
Current
rating
(A)
Voltage
rating
(V
AC )
Interrupting rating
at rated voltage¹ (50
Hz) (A
AC)
Typical DC cold
resistance2 (mΩ)
Typical melting3
I2t (A2s)
Typical voltage
drop4 (mV)
cURus
KC
VDE
CQC
SEMKO
PSE+
JET1
SS-5-200mA
0.2
250
35
960
0.35
212
X
X
X
SS-5-400mA
0.4
250
35
330
1.67
147
X
X
X
X
SS-5-500mA
0.5
250
35
258
1.79
152
X
X
X
X
X
SS-5-630mA
0.63
250
35
140
1.51
101
X
X
X
X
X
SS-5-800mA
0.8
250
35
118
4.21
111
X
X
X
X
X
SS-5-1A
1.0
250
35
80.8
7.40
94.5
X
X
X
X
X
X
SS-5-1.25A
1.25
250
35
62.4
12.8
93.5
X
X
X
X
X
X
SS-5-1.6A
1.6
250
35
41
23
71.5
X
X
X
X
X
X
SS-5-2A
2.0
250
35
31.2
29.8
75
X
X
X
X
X
X
SS-5-2.5A
2.5
250
35
24.3
40.3
74.5
X
X
X
X
X
X
SS-5-3.15A
3.15
250
35
16.8
67
62.5
X
X
X
X
X
X
SS-5-4A
4.0
250
40
12.8
87
65.4
X
X
X
X
X
X
SS-5-5A
5.0
250
50
7.35
120
43
X
X
X
X
X
X
SS-5-6.3A
6.3
250
63
7.4
176
59
X
X
X
X
X
X
1. 200 mA to 3.15 A measured at 35 A, 95% - 100% of PF on AC. 4 A – 6.3 A measured at 10 times of
rating current 95% - 100% of PF on AC.
2. Typical cold resistance measured at < 10% of rated current
3. I2t value is measured at 10I
n DC
4. Typical voltage drop measured at 20 °C ambient temperature and rated current
Dimensions and packaging – mm [in]


同様の部品番号 - SS-5-3.15A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-5-3.15A ETC2-SS-5-3.15A Datasheet
531Kb / 3P
   Subminiature Fuses
logo
Eaton All Rights Reserv...
SS-5-3.15A EATON-SS-5-3.15A Datasheet
801Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
More results

同様の説明 - SS-5-3.15A

メーカー部品番号データシート部品情報
logo
Eaton All Rights Reserv...
SS-5 EATON-SS-5 Datasheet
801Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
logo
Cooper Bussmann, Inc.
SR-5-2A-AP COOPER-SR-5-2A-AP Datasheet
421Kb / 3P
   Subminiature Radial Leaded, Time-Delay Fuses
SR-5-1A-AP COOPER-SR-5-1A-AP Datasheet
1Mb / 3P
   Subminiature Radial Leaded, Time-Delay Fuses
SR-5H-1A COOPER-SR-5H-1A Datasheet
851Kb / 3P
   300V Subminiature Radial Leaded, Time-Delay Fuses
logo
Eaton All Rights Reserv...
SS-5H EATON-SS-5H Datasheet
495Kb / 5P
   300V Subminiature, radial leaded, time-delay fuses
logo
List of Unclassifed Man...
SR-5H ETC2-SR-5H Datasheet
851Kb / 3P
   300V Subminiature Radial Leaded, Time-Delay Fuses
SS-5H ETC2-SS-5H Datasheet
341Kb / 3P
   300V Subminiature, Radial Leaded, Time-Delay Fuses
logo
Eaton All Rights Reserv...
SR-5 EATON-SR-5 Datasheet
739Kb / 2P
   Subminiature time-delay fuses
logo
Cooper Bussmann, Inc.
BKPCB-12-R COOPER-BKPCB-12-R Datasheet
314Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
PC-TRON EATON-PC-TRON Datasheet
1Mb / 2P
   Subminiature radial leaded fast-acting fuses
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com