データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD5N80K5 データシート(PDF) 6 Page - STMicroelectronics

部品番号 STD5N80K5
部品情報  N-channel 800 V, 1.50 (ohm) typ., 4 A MDmesh K5 Power MOSFET in a DPAK package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD5N80K5 データシート(HTML) 6 Page - STMicroelectronics

Back Button STD5N80K5 Datasheet HTML 2Page - STMicroelectronics STD5N80K5 Datasheet HTML 3Page - STMicroelectronics STD5N80K5 Datasheet HTML 4Page - STMicroelectronics STD5N80K5 Datasheet HTML 5Page - STMicroelectronics STD5N80K5 Datasheet HTML 6Page - STMicroelectronics STD5N80K5 Datasheet HTML 7Page - STMicroelectronics STD5N80K5 Datasheet HTML 8Page - STMicroelectronics STD5N80K5 Datasheet HTML 9Page - STMicroelectronics STD5N80K5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STD5N80K5
6/16
DocID028513 Rev 2
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Gate charge vs gate-source voltage
Figure 7: Static drain-source on-resistance
K
CG34360
c
10
-4
10
-3
10
-2
10
-1
t
p (s)
10
-5
10
-1
10
-2
10
0


同様の部品番号 - STD5N80K5

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD5N20 STMICROELECTRONICS-STD5N20 Datasheet
105Kb / 10P
   N - CHANNEL 200V - 0.7ohm - 5A - TO-251/TO-252 POWER MOS TRANSISTOR
STD5N20 STMICROELECTRONICS-STD5N20 Datasheet
257Kb / 8P
   N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
logo
VBsemi Electronics Co.,...
STD5N20 VBSEMI-STD5N20 Datasheet
1Mb / 10P
   N-Channel 200 V (D-S) MOSFET
logo
STMicroelectronics
STD5N20L STMICROELECTRONICS-STD5N20L Datasheet
273Kb / 10P
   N-CHANNEL 200V - 0.65廓 - 5A DPAK STripFET??MOSFET
STD5N20LT4 STMICROELECTRONICS-STD5N20LT4 Datasheet
273Kb / 10P
   N-CHANNEL 200V - 0.65廓 - 5A DPAK STripFET??MOSFET
More results

同様の説明 - STD5N80K5

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STB5N80K5 STMICROELECTRONICS-STB5N80K5 Datasheet
904Kb / 15P
   N-channel 800 V, 1.50 (ohm) typ., 4 A MDmesh K5 Power MOSFET in a DPAK package
STP5N80K5 STMICROELECTRONICS-STP5N80K5 Datasheet
723Kb / 13P
   N-channel 800 V, 1.50(ohm) typ., 4 A MDmesh K5 Power MOSFET in a TO-220 package
STF5N80K5 STMICROELECTRONICS-STF5N80K5 Datasheet
715Kb / 13P
   N-channel 800 V, 1.50(ohm) typ., 4 A MDmesh K5 Power MOSFET in a TO-220FP package
STFI5N80K5 STMICROELECTRONICS-STFI5N80K5 Datasheet
723Kb / 12P
   N-channel 800 V, 1.50 廓 typ., 4 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
May 2016
STD3LN80K5 STMICROELECTRONICS-STD3LN80K5 Datasheet
815Kb / 15P
   N-channel 800 V, 2.75 廓 typ., 2 A MDmesh??K5 Power MOSFET in a DPAK package
July 2016 Rev 2
STD9N80K5 STMICROELECTRONICS-STD9N80K5 Datasheet
387Kb / 19P
   N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a DPAK package
DS11297 - Rev 3 - November 2018
STD10LN80K5 STMICROELECTRONICS-STD10LN80K5 Datasheet
842Kb / 17P
   N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a DPAK package
March 2016
STD4LN80K5 STMICROELECTRONICS-STD4LN80K5 Datasheet
814Kb / 15P
   N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a DPAK package
May 2016
STD4N90K5 STMICROELECTRONICS-STD4N90K5 Datasheet
813Kb / 15P
   N-channel 900 V, 1.90 廓 typ.,3 A MDmesh??K5 Power MOSFET in a DPAK package
November 2016 Rev 1
STFI10LN80K5 STMICROELECTRONICS-STFI10LN80K5 Datasheet
628Kb / 13P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com