データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2798MMX-1.8 データシート(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM2798MMX-1.8
部品情報  120mA High Efficiency Step-Down Switched Capacitor Voltage Converter with Voltage Monitoring
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2798MMX-1.8 データシート(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2798MMX-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LM2798MMX-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LM2798MMX-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LM2798MMX-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LM2798MMX-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LM2798MMX-1.8 Datasheet HTML 10Page - National Semiconductor (TI) LM2798MMX-1.8 Datasheet HTML 11Page - National Semiconductor (TI) LM2798MMX-1.8 Datasheet HTML 12Page - National Semiconductor (TI) LM2798MMX-1.8 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Operation Description
OVERVIEW
The LM2797/98 are switched capacitor converters that pro-
duce a regulated low-voltage output. The core of the parts is
a highly efficient charge pump that utilizes multiple fractional
gains and pulse-frequency modulated (PFM) switching to
minimize power losses over wide input voltage and output
current ranges. A description of the principal operational
characteristics of the LM2797/98 is broken up into the fol-
lowing sections: PFM Regulation, Fractional Multi-Gain
Charge Pump, and Gain Selection for Optimal Efficiency.
Each of these sections refers to the block diagram presented
on the previous page.
PFM REGULATION
The LM2797/98 achieves tightly regulated output voltages
with pulse-frequency modulated (PFM) regulation. PFM sim-
ply means the part only pumps when it needs to. When the
output voltage is above the target regulation voltage, the part
idles and consumes minimal supply-current. In this state, the
load current is supplied solely by the charge stored on the
output capacitor. As this capacitor discharges and the output
voltage falls below the target regulation voltage, the charge
pump activates. Charge/current is delivered to the output
(supplying the load and boosting the voltage on the output
capacitor).
The primary benefit of PFM regulation is when output cur-
rents are light and the part is predominantly in the low-
supply-current idle state. Net supply current is minimal be-
cause the part only occasionally needs to recharge the
output capacitor by activating the charge pump.
FRACTIONAL MULTI-GAIN CHARGE PUMP
The core of the LM2797/98 is a two-phase charge pump
controlled by an internally generated non-overlapping clock.
The charge pump operates by using the external flying ca-
pacitors, C1 and C2, to transfer charge from the input to the
output. During the charge phase, which doubles as the PFM
"idle state", the flying capacitors are charged by the input
supply. The charge pump will be in this state until the output
voltage drops below the target regulation voltage, triggering
the charge pump to activate so that it can deliver charge to
the output. Charge transfer is achieved in the pump phase.
In this phase, the fully charged flying capacitors are con-
nected to the output so that the charge they hold can supply
the load current and recharge the output capacitor.
Input, output, and intermediary connections of the flying
capacitors are made with internal MOS switches. The
LM2797/98 utilizes two flying capacitors and a versatile
switch network to achieve several fractional voltage gains:
1
2, 23, and 1. With this gain-switching ability, it is as if the
LM2797/98 is three-charge-pumps-in-one. The "active"
charge pump at any given time is the one that will yield the
highest efficiency given the input and output conditions
present.
GAIN SELECTION AND GAIN HOPPING FOR OPTIMAL
EFFICIENCY
The ability to switch gains based on input and output condi-
tions results in optimal efficiency throughout the operating
ranges of the LM2797/98. Charge-pump efficiency is derived
in the following two ideal equations (supply current and other
losses are neglected for simplicity):
I
IN =GxIOUT
E=(V
OUT xIOUT)÷(VIN xIIN)=VOUT ÷(GXVIN)
In the equations, G represents the charge pump gain. Effi-
ciency is at its highest as GxV
IN approaches VOUT. Optimal
efficiency is achieved when gain is able to adjust depending
on input and output voltage conditions. Due to the nature of
charge pumps, G cannot adjust continuously, which would
be ideal from an efficiency standpoint. But G can be a set of
simple quantized ratios, allowing for a good degree of effi-
ciency optimization.
The gain set of the LM2797/98 consists of the gains 1/2, 2/3,
and 1. An internal input voltage range detector, along with
the nominal output voltage of a given LM2797/98 option,
determines what is to be referred to as the "base gain" of the
part, G
B. The base gain is the default gain configuration of
the part over a set V
IN range. Table 1 lists GB of the LM2798-
1.8 over the input voltage range. For the remainder of this
discussion, the 1.8V option of the LM2798 will be used as an
example. The other voltage options of the LM2798 operate
under the same principles as LM2798-1.8, the gain transi-
tions merely occur at different input voltages. Since the only
difference between the LM2797 and the LM2798 is start-up
time, the modes of operation of the LM2798-1.8 discussed
here are identical to those of the LM2797-1.8.
TABLE 1. LM2798-1.8 Base Gain (G
B) vs. VIN
Input Voltage
Base Gain (G
B)
2.6V - 2.9V
1
2.9V - 3.8V
2
3
3.8V - 5.5V
1
2
Figure 1 shows the efficiency of the LM2798-1.8 versus input
voltage, with output currents of 10mA and 120mA. The base
gain regions (G
B) are separated and labeled. There is also a
set of ideal efficiency gradients, E
IDEAL(G=xx) , showing the
ideal efficiency of a charge pumps with gains of 1/2, 2/3, and
1. These gradients have been generated using the ideal
efficiency equation presented above.
20044522
FIGURE 1. Efficiency of LM2798-1.8 with 10mA and
120mA output currents. Base-gain (G
B) regions are
separated and labeled. Ideal efficiency curves of
charge pumps with G =1/2, 2/3, and 1 are included,
and are labelled:
E
IDEAL(G=1),EIDEAL(G=2/3),EIDEAL(G=1/2)
www.national.com
9


同様の部品番号 - LM2798MMX-1.8

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM2791LD-H NSC-LM2791LD-H Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791LD-L NSC-LM2791LD-L Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791LD-L TI1-LM2791LD-L Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
More results

同様の説明 - LM2798MMX-1.8

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2788 NSC-LM2788 Datasheet
372Kb / 12P
   120mA High Efficiency Step-Down Switched Capacitor Voltage Converter
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
NCV894630 ONSEMI-NCV894630 Datasheet
88Kb / 9P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 1
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Linear Technology
LT1054L LINER-LT1054L_15 Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com