データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74LVXC3245 データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC74LVXC3245
部品情報  Configurable Dual Supply Octal Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXC3245 データシート(HTML) 3 Page - ON Semiconductor

  MC74LVXC3245_14 Datasheet HTML 1Page - ON Semiconductor MC74LVXC3245_14 Datasheet HTML 2Page - ON Semiconductor MC74LVXC3245_14 Datasheet HTML 3Page - ON Semiconductor MC74LVXC3245_14 Datasheet HTML 4Page - ON Semiconductor MC74LVXC3245_14 Datasheet HTML 5Page - ON Semiconductor MC74LVXC3245_14 Datasheet HTML 6Page - ON Semiconductor MC74LVXC3245_14 Datasheet HTML 7Page - ON Semiconductor MC74LVXC3245_14 Datasheet HTML 8Page - ON Semiconductor MC74LVXC3245_14 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC74LVXC3245
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Condition
Unit
VCCA,
VCCB
DC Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
OE, T/R
−0.5 to VCCA +0.5
V
VI/O
DC Input/Output Voltage
An
−0.5 to VCCA +0.5
V
Bn
−0.5 to VCCB +0.5
V
IIK
DC Input Diode Current
OE, T/R
±20
VI < GND
mA
IOK
DC Output Diode Current
±50
VO < GND; VO > VCC
mA
IO
DC Output Source/Sink Current
±50
mA
ICC,
IGND
DC Supply Current
Per Output Pin
Maximum Current
±50
±200
mA
TSTG
Storage Temperature Range
−65 to +150
°C
DC Latchup Source/Sink Current
±300
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCCA,
VCCB
Supply Voltage (VCCA ≤ VCCB)VCCA
VCCB
2.3
3.0
3.6
5.5
V
VI
Input Voltage
OE, T/R
0
VCCA
V
VI/O
Input/Output Voltage
An
Bn
0
0
VCCA
VCCB
V
TA
Operating Free−Air Temperature
−40
+85
°C
Dt/DV
Minimum Input Edge Rate
VIN from 30% to 70% of VCC; VCC at 3.0 V, 4.5 V, 5.5 V
0
8
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
TA = 25°C
TA = −40 to +85°C
Symbol
Parameter
Condition
VCCA
VCCB
Typ
Guaranteed Limits
Unit
VIHA
Minimum HIGH Level
Input Voltage
An
OE
T/R
VOUT ≤ 0.1 V
or
≥ VCC − 0.1 V
2.3
3.0
3.6
3.0
3.6
5.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VIHB
Bn
2.3
3.0
3.6
3.0
3.6
5.5
2.00
2.00
3.85
2.00
2.00
3.85
V
VILA
Maximum LOW Level
Input Voltage
An
OE
T/R
VOUT ≤ 0.1 V
or
≥ VCC − 0.1 V
2.3
3.0
3.6
3.0
3.6
5.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VILB
Bn
2.3
3.0
3.6
3.0
3.6
5.5
0.80
0.80
1.65
0.80
0.80
1.65
V
VOHA
Minimum HIGH Level
Output Voltage
IOUT = −100 mA
IOH = −12 mA
IOH = −24 mA
IOH = −12 mA
IOH = −24 mA
3.0
3.0
3.0
2.3
2.3
3.0
3.0
3.0
3.0
4.5
2.99
2.85
2.65
2.50
2.30
2.90
2.56
2.35
2.30
2.10
2.90
2.46
2.25
2.20
2.00
V
VOHB
IOUT = −100 mA
IOH = −12 mA
IOH = −24 mA
IOH = −24 mA
3.0
3.0
3.0
3.0
3.0
3.0
3.0
4.5
2.99
2.85
2.65
4.25
2.90
2.56
2.35
3.86
2.90
2.46
2.25
3.76
V


同様の部品番号 - MC74LVXC3245_14

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74LVXC3245DT MOTOROLA-MC74LVXC3245DT Datasheet
139Kb / 9P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVXC3245DT ONSEMI-MC74LVXC3245DT Datasheet
88Kb / 10P
   Configurable Dual Supply Octal Transceiver
March, 2005 ??Rev. 4
MC74LVXC3245DTG ONSEMI-MC74LVXC3245DTG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245DTG ONSEMI-MC74LVXC3245DTG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245DTR2 ONSEMI-MC74LVXC3245DTR2 Datasheet
88Kb / 10P
   Configurable Dual Supply Octal Transceiver
March, 2005 ??Rev. 4
More results

同様の説明 - MC74LVXC3245_14

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LVXC3245DWRG ONSEMI-MC74LVXC3245DWRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245DTRG ONSEMI-MC74LVXC3245DTRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245 ONSEMI-MC74LVXC3245 Datasheet
88Kb / 10P
   Configurable Dual Supply Octal Transceiver
March, 2005 ??Rev. 4
MC74LVXC3245DTG ONSEMI-MC74LVXC3245DTG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74LVXC3245FS TOSHIBA-TC74LVXC3245FS_07 Datasheet
200Kb / 10P
   Dual Supply Octal Configurable Voltage Interface Bus Transceiver
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
logo
ON Semiconductor
MC74LVX4245 ONSEMI-MC74LVX4245_11 Datasheet
138Kb / 10P
   Dual Supply Octal Translating Transceiver
May, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com