データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74LVXT4052 データシート(PDF) 10 Page - ON Semiconductor

部品番号 MC74LVXT4052
部品情報  Analog Multiplexer/ Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4052 データシート(HTML) 10 Page - ON Semiconductor

Back Button MC74LVXT4052 Datasheet HTML 6Page - ON Semiconductor MC74LVXT4052 Datasheet HTML 7Page - ON Semiconductor MC74LVXT4052 Datasheet HTML 8Page - ON Semiconductor MC74LVXT4052 Datasheet HTML 9Page - ON Semiconductor MC74LVXT4052 Datasheet HTML 10Page - ON Semiconductor MC74LVXT4052 Datasheet HTML 11Page - ON Semiconductor MC74LVXT4052 Datasheet HTML 12Page - ON Semiconductor MC74LVXT4052 Datasheet HTML 13Page - ON Semiconductor MC74LVXT4052 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC74LVXT4052
www.onsemi.com
10
Figure 17. Power Dissipation Capacitance, Test Set−Up
ON/OFF
12
VCC
NC
OFF/ON
10 − 11,
13 − 14
Channel
Select
15
VIL
VCC
A
Figure 18. Total Harmonic Distortion, Test Set−Up
6
7
8
9− 11
HP3466
DMM
16
50 K
W
)V
COM
HP3466
DMM
)V
COM
HP E3630A
DC Pwr Supply
COM
)20 V *20 V
HP 339
Distortion Measurement Set
Analyzer
Input
COM
Oscillator
Output
COM
RL
CL
ON
OFF
Channel Selects connected
to DC bias supply or ground
and appropriately configured
to test each switch.


同様の部品番号 - MC74LVXT4052

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4052D ONSEMI-MC74LVXT4052D Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVXT4052D ONSEMI-MC74LVXT4052D Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4052DG ONSEMI-MC74LVXT4052DG Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
More results

同様の説明 - MC74LVXT4052

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com