データシートサーチシステム |
|
MC74AC257 データシート(PDF) 6 Page - ON Semiconductor |
|
MC74AC257 データシート(HTML) 6 Page - ON Semiconductor |
6 / 9 page MC74AC257, MC74ACT257 www.onsemi.com 6 DC CHARACTERISTICS Symbol Parameter VCC (V) 74ACT 74ACT Unit Conditions TA = +25°C TA = −40 °C to +85 °C Typ Guaranteed Limits VIH Minimum High Level Input Voltage 4.5 1.5 2.0 2.0 V VOUT = 0.1 V 5.5 1.5 2.0 2.0 or VCC − 0.1 V VIL Maximum Low Level Input Voltage 4.5 1.5 0.8 0.8 V VOUT = 0.1 V 5.5 1.5 0.8 0.8 or VCC − 0.1 V VOH Minimum High Level Output Voltage 4.5 4.49 4.4 4.4 V IOUT = −50 mA 5.5 5.49 5.4 5.4 *VIN = VIL or VIH 4.5 − 3.86 3.76 V IOH −24 mA 5.5 − 4.86 4.76 −24 mA VOL Maximum Low Level Output Voltage 4.5 0.001 0.1 0.1 V IOUT = 50 mA 5.5 0.001 0.1 0.1 *VIN = VIL or VIH 4.5 − 0.36 0.44 V IOL 24 mA 5.5 − 0.36 0.44 24 mA IIN Maximum Input Leakage Current 5.5 − ±0.1 ±1.0 mA VI = VCC, GND DICCT Additional Max. ICC/Input 5.5 0.6 − 1.5 mA VI = VCC − 2.1 V IOZ Maximum 3−State Current VI (OE) = VIL, VIH 5.5 − ±0.5 ±5.0 mA VI = VCC, GND VO = VCC, GND IOLD †Minimum Dynamic Output Current 5.5 − − 75 mA VOLD = 1.65 V Max IOHD 5.5 − − −75 mA VOHD = 3.85 V Min ICC Maximum Quiescent Supply Current 5.5 − 8.0 80 mA VIN = VCC or GND *All outputs loaded; thresholds on input associated with output under test. †Maximum test duration 2.0 ms, one output loaded at a time. |
同様の部品番号 - MC74AC257 |
|
同様の説明 - MC74AC257 |