データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4-1393801-1 データシート(PDF) 1 Page - TE Connectivity Ltd

部品番号 4-1393801-1
部品情報  Low profile, therefore particularly suited for flat pack components grouping
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1393801-1 データシート(HTML) 1 Page - TE Connectivity Ltd

  4-1393801-1 Datasheet HTML 1Page - TE Connectivity Ltd 4-1393801-1 Datasheet HTML 2Page - TE Connectivity Ltd 4-1393801-1 Datasheet HTML 3Page - TE Connectivity Ltd 4-1393801-1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
07-2012, Rev. 0712
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
AXICOM
Signal Relays
n
Low profile, therefore particularly suited for flat pack components
grouping
n
For relays with 1 or 2 form C (CO) contacts:
- creepage and clearance distances between contacts and
frame >5mm or >10mm (depending on the relay version)
- dielectric strength between contacts and
frame 4kVrms or 6kVrms
Typical applications
measuring and control systems, alarm and security equipment, road traffic
and railway signaling systems
Contact Data
A104
A106
A204
A206
Contact arrangement
4 form C,
6 form C,
4 form C,
6 form C,
(4 CO)
(6 CO)
(4 CO)
(6 CO)
Max. switching voltage 250VDC
250VDC
30VDC
30VDC
250VAC
250VAC
36VAC
36VAC
Limiting continuous current
≤50°C ambient
2A
2A
2A
2A
≤75°C ambient
1A
1A
1A
1A
Limiting making/breaking current
3A1)
3A1)
0.2A
0.2A
Contact material
Ag,
Ag,
Gold F2)
Gold F2)
Au-flashed Au-flashed
Contact style
bifurcated contacts
Frequency of operation, without load
max. 30 operations/s
Operate / release time approx.
8/2ms
Max. DC breaking capacity (contacts Ag, gold flashed)
Curve 1: arc extinguished within contact transit period (limit curve I)
Curve 2: safe breaking, erc extinguished (limit curve II)
Electrical endurance
Type
Load
Operations
Ag, gold-flashed
2.4A, 24VDC, resistive
appr. 1x106
Ag, gold-flashed
3A, 24VDC, resistive
appr. 0.3x106
Ag, gold-flashed
1.35A, 30VDC, resistive
appr. 6x106
Ag, gold-flashed
0.85A, 40VDC, resistive
appr. 2x107
Ag, gold-flashed
0.36A, 60VDC, resistive
appr. 8x107
Ag, gold-flashed
0.21A, 110VDC, rersitive
appr. 10x107
Ag, gold-flashed
2.4A, 24VDC, resistive+100μH3)
appr. 1x106
Ag, gold-flashed
0.6A, 60VDC, resistive+100μH3)
appr. 10x106
Ag, gold-flashed
0.24A, 110VDC, resistive+100μH3)
40x106
Contact Data (continued)
Mechanical endurance
aaprox. 108 operations
1) The current of 3 A for max 4s at 10% on-time.
2) Gold F on request only
3) Self inductance in accordance with IEC 255-0-20
Coil Data
Magnetic system
neutral, monostable
Coil voltage range
5 to 60VDC
Max. coil temperature
110°C
Thermal resistance
35K/W
Coil versions, monostable
Coil
Rated
Operate
Limiting
Coil
Rated coil
code
voltage
voltage
Voltage
resistance
power
4/6 pole
VDC
VDC
VDC
Ω±10%4)
mW
032
5
3.3/4.0
10.8
38
658
012
6
3.9/4.6
12.4
50
720
017
12
7.8/9.5
24.0
185
778
021
24
15.5/18.5
47.0
730
789
026
48
32/37
88.0
27004)
853
014
60
38/45
109.0
41004)
878
4) Coil resistance ±15%
All figures are given for coil without pre-energization, at ambient temperature +23°C
The operating voltage limits UI and UII depend on temperature according to
the following formula:
UI tamb = kI*UI 20°C, UII tu = kII*UII 20°C; tamb = ambient temperature,
UI tamb = minimum voltage at ambient temperature,
UII tamb = maximum voltage at ambient temperature, kI and kII are factors.
tamb
20°C
30°C
40°C
50°C
60°C
70°C
kI
1
1.04
1.085
1.13
1.17
1.21
kII
1
0.93
0.86
0.79
0.7
0.6
Insulation Data
Initial dielectric strength
between coil and frame
500Vrms
between contact and contact
1000Vrms
between contact and frame
1000Vrms
between contact and coil
1000Vrms
Card SN Relay V23030


同様の部品番号 - 4-1393801-1

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
4-1393801-1 TEC-4-1393801-1 Datasheet
7Mb / 4P
   n Low profile, therefore particularly suited for flat pack components grouping
More results

同様の説明 - 4-1393801-1

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
SN-V23030 TEC-SN-V23030 Datasheet
7Mb / 4P
   n Low profile, therefore particularly suited for flat pack components grouping
logo
National Semiconductor ...
LMH2120 NSC-LMH2120 Datasheet
1Mb / 6P
   Linear RMS power detector particularly suited for accurate
logo
STATS ChipPAC, Ltd.
LQFP STATSCHIP-LQFP Datasheet
126Kb / 2P
   Low Profile Quad Flat Pack
logo
Guangdong Youtai Semico...
FDN361 UMW-FDN361 Datasheet
443Kb / 5P
   These devices are particularly suited for low voltage applications in notebook computers,
logo
Amkor Technology
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
   Low Profile Quad Flat Pack (LQFP) Packages
logo
STATS ChipPAC, Ltd.
TQFP STATSCHIP-TQFP Datasheet
92Kb / 2P
   Thin Profile Quad Flat Pack
logo
TT Electronics.
8900 TTELEC-8900_17 Datasheet
568Kb / 4P
   Flat Pack Networks
logo
Maxim Integrated Produc...
MAX8655EVKIT MAXIM-MAX8655EVKIT Datasheet
791Kb / 14P
   Low-Profile Components
Rev 0; 10/08
logo
Lowpower Semiconductor ...
LPM3400 POWER-LPM3400 Datasheet
283Kb / 7P
   These devices are particularly suitable for low voltage
logo
TRIAD MAGNETICS
FP56-425 TRIAD-FP56-425 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com