データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4-1393801-9 データシート(PDF) 2 Page - TE Connectivity Ltd

部品番号 4-1393801-9
部品情報  Low profile, therefore particularly suited for flat pack components grouping
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1393801-9 データシート(HTML) 2 Page - TE Connectivity Ltd

  4-1393801-9 Datasheet HTML 1Page - TE Connectivity Ltd 4-1393801-9 Datasheet HTML 2Page - TE Connectivity Ltd 4-1393801-9 Datasheet HTML 3Page - TE Connectivity Ltd 4-1393801-9 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
07-2012, Rev. 0712
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
AXICOM
Signal Relays
Card SN Relay V23030 (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +70°C
Category of environmental protection
IEC 61810
RT I - dust protected,
RT III - immersion cleanable
Degree of protection, IEC 60529
IP30, IP67
Terminal type
PCB-THT
Weight
V23030-Axxx
approx. 12g
V23030-Cxxx
approx. 30g
V23030-Hxxx
approx. 25g
V23030-Jxxx
approx. 30g
Ultrasonic cleaning
not recommended
Packaging unit
5 pcs.
PCB layout / terminal assignment
Bottom view on solder pins
4 form C (4 CO) contacts
V23030-Axxxx-xx04
V23030-Hxxxx-xx04
6 form C (6 CO) contacts
V23030-Axxxx-xx04
V23030-Hxxxx-xx04
Hole M required only for relays with
earth connection.
Hole M required only for relays with
earth connection.


同様の部品番号 - 4-1393801-9

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
4-1393801-9 TEC-4-1393801-9 Datasheet
7Mb / 4P
   n Low profile, therefore particularly suited for flat pack components grouping
More results

同様の説明 - 4-1393801-9

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
SN-V23030 TEC-SN-V23030 Datasheet
7Mb / 4P
   n Low profile, therefore particularly suited for flat pack components grouping
logo
National Semiconductor ...
LMH2120 NSC-LMH2120 Datasheet
1Mb / 6P
   Linear RMS power detector particularly suited for accurate
logo
STATS ChipPAC, Ltd.
LQFP STATSCHIP-LQFP Datasheet
126Kb / 2P
   Low Profile Quad Flat Pack
logo
Guangdong Youtai Semico...
FDN361 UMW-FDN361 Datasheet
443Kb / 5P
   These devices are particularly suited for low voltage applications in notebook computers,
logo
Amkor Technology
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
   Low Profile Quad Flat Pack (LQFP) Packages
logo
STATS ChipPAC, Ltd.
TQFP STATSCHIP-TQFP Datasheet
92Kb / 2P
   Thin Profile Quad Flat Pack
logo
TT Electronics.
8900 TTELEC-8900_17 Datasheet
568Kb / 4P
   Flat Pack Networks
logo
Maxim Integrated Produc...
MAX8655EVKIT MAXIM-MAX8655EVKIT Datasheet
791Kb / 14P
   Low-Profile Components
Rev 0; 10/08
logo
Lowpower Semiconductor ...
LPM3400 POWER-LPM3400 Datasheet
283Kb / 7P
   These devices are particularly suitable for low voltage
logo
TRIAD MAGNETICS
FP56-425 TRIAD-FP56-425 Datasheet
53Kb / 1P
   PC Mount: Flat Pack
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com