データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M27C64A-25F6X データシート(PDF) 1 Page - STMicroelectronics

部品番号 M27C64A-25F6X
部品情報  64K (8K x 8) UV EPROM and OTP ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C64A-25F6X データシート(HTML) 1 Page - STMicroelectronics

  M27C64A-25F6X Datasheet HTML 1Page - STMicroelectronics M27C64A-25F6X Datasheet HTML 2Page - STMicroelectronics M27C64A-25F6X Datasheet HTML 3Page - STMicroelectronics M27C64A-25F6X Datasheet HTML 4Page - STMicroelectronics M27C64A-25F6X Datasheet HTML 5Page - STMicroelectronics M27C64A-25F6X Datasheet HTML 6Page - STMicroelectronics M27C64A-25F6X Datasheet HTML 7Page - STMicroelectronics M27C64A-25F6X Datasheet HTML 8Page - STMicroelectronics M27C64A-25F6X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AI00834B
13
A0-A12
P
Q0-Q7
VPP
VCC
M27C64A
G
E
VSS
8
Figure 1. Logic Diagram
March 1995
M27C64A
64K (8K x 8) UV EPROM and OTP ROM
VERY FAST ACCESS TIME: 150ns
COMPATIBLE with HIGH SPEED
MICROPROCESSORS, ZERO WAIT STATE
LOW POWER “CMOS” CONSUMPTION:
– Active Current 30mA
– Standby Current 100
µA
PROGRAMMING VOLTAGE: 12.5V
ELECTRONIC SIGNATURE for AUTOMATED
PROGRAMMING
HIGH SPEED PROGRAMMING
(less than 1 minute)
DESCRIPTION
The M27C64A is a high speed 65,536 bit UV eras-
able and electrically programmable memory
EPROM ideally suited for microprocessor systems
requiring large programs. It is organized as 8,192
by 8 bits.
The 28 pin Window Ceramic Frit-Seal Dual-in-Line
package has transparent lid which allows the user
to expose the chip to ultraviolet light to erase the
bit pattern. Anew pattern can then be written to the
device by following the programming procedure.
For applications where the content is programmed
only on time and erasure is not required, the
M27C64A is offered in Plastic Leaded Chip Carrier
package.
A0 - A12
Address Inputs
Q0 - Q7
Data Outputs
E
Chip Enable
G
Output Enable
P
Program
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
PLCC32 (C)
1
28
FDIP28W (F)
1/11


同様の部品番号 - M27C64A-25F6X

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M27C64A-25F6X STMICROELECTRONICS-M27C64A-25F6X Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
More results

同様の説明 - M27C64A-25F6X

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
   NMOS 64K (8K x 8) UV EPROM
March 1995
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
STMicroelectronics
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com