データシートサーチシステム |
|
9-1393810-0 データシート(PDF) 9 Page - TE Connectivity Ltd |
|
9-1393810-0 データシート(HTML) 9 Page - TE Connectivity Ltd |
9 / 10 page 07-2012, Rev. 0712 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 9 AXICOM Signal Relays Cradle N Relay V23154/V23162 (Continued) Product code Version Coil Operate/Lim.Arrangement Contacts Terminals Enclosure PartNumber V23162-A0XX, 5A, size I V23162-A0702-F106 5A, size I 1.1VDC 0.5/1.7VDC 1A+1B Single Solder Hermet. sealed 1-1393818-5 V23162-A0717-F105 5A, size I 12VDC 5.3/20VDC 2 form A (2 NO) Single Solder Hermet. sealed 3-1393818-0 V23162-A0717-F106 5A, size I 12VDC 7.1/20VDC 1A+1B Single Solder Hermet. sealed 3-1393818-1 V23162-A0721-F105 5A, size I 24VDC 11/40VDC 2 form A (2 NO) Single Solder Hermet. sealed 4-1393818-3 V23162-A0721-F106 5A, size I 24VDC 14.5/40VDC 1A+1B Single Solder Hermet. sealed 4-1393818-4 V23162-A0722-F105 5A, size I 33VDC 16/54VDC 2 form A (2 NO) Single Solder Hermet. sealed 5-1393818-0 V23162-A0726-F106 5A, size I 48VDC 30/75VDC 1A+1B Single Solder Hermet. sealed 5-1393818-4 V23162-A0404-F106 5A, size I 72VDC 48/100VDC 1A+1B Single Solder Hermet. sealed 1393818-2 V23162-A0704-F105 5A, size I 72VDC 36.2/114VDC 2 form A (2 NO) Single Solder Hermet. sealed 2-1393818-3 V23162-A0704-F106 5A, size I 72VDC 48.4/114VDC 1A+1B Single Solder Hermet. sealed 2-1393818-4 V23162-A0703-F106 5A, size I 125VDC 81/190VDC 1A+1B Single Solder Hermet. sealed 1-1393818-8 V23162-B0XX, standard, size II V23162-B0712-B110 Standard, size II 7VDC 3.6/10.5VDC 4 form C (4 CO) Single Solder Hermet. sealed 8-1393818-1 V23162-B0715-C110 Standard, size II 8.5VDC 7.6/14VDC 4 form C (4 CO) Bifurcated Solder Hermet. sealed 8-1393818-4 V23162-B0716-B110 Standard, size II 10VDC 5.8/16.5VDC 4 form C (4 CO) Single Solder Hermet. sealed 8-1393818-5 V23162-B0717-B110 Standard, size II 12VDC 7.1/20VDC 4 form C (4 CO) Single Solder Hermet. sealed 8-1393818-7 V23162-B0717-B610 Standard, size II 12VDC 7.1/20VDC 4 form C (4 CO) Single Solder Hermet. sealed 8-1393818-8 V23162-B0717-C112 Standard, size II 12VDC 8.7/20VDC 6 form A (6 (NO) Bifurcated Solder Hermet. sealed 8-1393818-9 V23162-B0719-B110 Standard, size II 15VDC 9.1/24.5VDC 4 form C (4 CO) Single Solder Hermet. sealed 9-1393818-1 V23162-B0720-B110 Standard, size II 20VDC 11.9/32VDC 4 form C (4 CO) Single Solder Hermet. sealed 9-1393818-4 V23162-B0720-B112 Standard, size II 20VDC 11.9/32VDC 6 form A (6 (NO) Single Solder Hermet. sealed 9-1393818-5 V23162-B0720-B610 Standard, size II 20VDC 11.9/32VDC 4 form C (4 CO) Single Solder Hermet. sealed 9-1393818-7 V23162-B0720-C110 Standard, size II 20VDC 17.7/32VDC 4 form C (4 CO) Bifurcated Solder Hermet. sealed 9-1393818-8 V23162-B0720-C112 Standard, size II 20VDC 14.4/32VDC 6 form A (6 (NO) Bifurcated Solder Hermet. sealed 9-1393818-9 V23162-B0720-C410 Standard, size II 20VDC 17.7/32VDC 4 form C (4 CO) Bifurcated Solder Hermet. sealed 1393819-1 V23162-B0421-B110 Standard, size II 24VDC 15/36VDC 4 form C (4 CO) Single Solder Hermet. sealed 6-1393818-1 V23162-B0421-B610 Standard, size II 24VDC 15/36VDC 4 form C (4 CO) Single Solder Hermet. sealed 6-1393818-3 V23162-B0721-B110 Standard, size II 24VDC 14.5/40VDC 4 form C (4 CO) Single Solder Hermet. sealed 1393819-4 V23162-B0721-B112 Standard, size II 24VDC 14.5/40VDC 6 form A (6 (NO) Single Solder Hermet. sealed 1393819-5 V23162-B0721-B610 Standard, size II 24VDC 14.5/40VDC 4 form C (4 CO) Single Solder Hermet. sealed 1-1393819-0 V23162-B0721-C110 Standard, size II 24VDC 22/40VDC 4 form C (4 CO) Bifurcated Solder Hermet. sealed 1-1393819-2 V23162-B0721-C410 Standard, size II 24VDC 22/40VDC 4 form C (4 CO) Bifurcated Solder Hermet. sealed 1-1393819-3 V23162-B0722-B110 Standard, size II 32VDC 22.6/54VDC 4 form C (4 CO) Single Solder Hermet. sealed 1-1393819-5 V23162-B0722-B112 Standard, size II 32VDC 22.6/54VDC 6 form A (6 (NO) Single Solder Hermet. sealed 1-1393819-6 V23162-B0722-B610 Standard, size II 32VDC 22.6/54VDC 4 form C (4 CO) Single Solder Hermet. sealed 1-1393819-7 V23162-B0722-C410 Standard, size II 32VDC 33.8/54VDC 4 form C (4 CO) Bifurcated Solder Hermet. sealed 1-1393819-8 V23162-B0726-B110 Standard, size II 48VDC 30/75VDC 4 form C (4 CO) Single Solder Hermet. sealed 2-1393819-0 V23162-B0726-B112 Standard, size II 48VDC 30/75VDC 6 form A (6 (NO) Single Solder Hermet. sealed 2-1393819-1 V23162-B0726-B610 Standard, size II 48VDC 30/75VDC 4 form C (4 CO) Single Solder Hermet. sealed 2-1393819-3 V23162-B0XX, standard, size II V23162-B0726-C110 Standard, size II 48VDC 45/75VDC 4 form C (4 CO) Bifurcated Solder Hermet. sealed 2-1393819-6 V23162-B0734-B610 Standard, size II 60VDC 36/92VDC 4 form C (4 CO) Single Solder Hermet. sealed 2-1393819-9 V23162-B0404-B110 Standard, size II 72VDC 48/100VDC 4 form C (4 CO) Single Solder Hermet. sealed 5-1393818-7 V23162-B0704-B110 Standard, size II 72VDC 48.4/114VDC 4 form C (4 CO) Single Solder Hermet. sealed 7-1393818-6 V23162-B0704-B112 Standard, size II 72VDC 48.4/114VDC 6 form A (6 (NO) Single Solder Hermet. sealed 7-1393818-7 V23162-B0704-B610 Standard, size II 72VDC 48.4/114VDC 4 form C (4 CO) Single Solder Hermet. sealed 7-1393818-8 V23162-B0735-B110 Standard, size II 110VDC 65/164VDC 4 form C (4 CO) Single Solder Hermet. sealed 3-1393819-0 V23162-B0735-B610 Standard, size II 110VDC 65/164VDC 4 form C (4 CO) Single Solder Hermet. sealed 3-1393819-1 V23162-B0735-C110 Standard, size II 110VDC 98/164VDC 4 form C (4 CO) Bifurcated Solder Hermet. sealed 3-1393819-2 V23162-B0735-C410 Standard, size II 110VDC 98/164VDC 4 form C (4 CO) Bifurcated Solder Hermet. sealed 3-1393819-3 V23162-B0703-B110 Standard, size II 125VDC 81/190VDC 4 form C (4 CO) Single Solder Hermet. sealed 7-1393818-3 V23162-B0703-B610 Standard, size II 125VDC 81/190VDC 4 form C (4 CO) Single Solder Hermet. sealed 7-1393818-4 V23162-B0XX, 5A, size II V23162-B0712-F104 5A, size II 7VDC 3.6/10.5VDC 2 form C (2 CO) Single Solder Hermet. sealed 8-1393818-2 V23162-B0717-F104 5A, size II 12VDC 7.1/20VDC 2 form C (2 CO) Single Solder Hermet. sealed 9-1393818-0 V23162-B0719-F104 5A, size II 15VDC 9.1/24.5VDC 2 form C (2 CO) Single Solder Hermet. sealed 9-1393818-3 V23162-B0720-F104 5A, size II 20VDC 11.9/32VDC 2 form C (2 CO) Single Solder Hermet. sealed 1393819-2 V23162-B0421-F104 5A, size II 24VDC 15/36VDC 2 form C (2 CO) Single Solder Hermet. sealed 6-1393818-4 V23162-B0721-F104 5A, size II 24VDC 14.5/40VDC 2 form C (2 CO) Single Solder Hermet. sealed 1-1393819-4 V23162-B0722-F104 5A, size II 32VDC 22.6/54VDC 2 form C (2 CO) Single Solder Hermet. sealed 1-1393819-9 V23162-B0726-F104 5A, size II 48VDC 30/75VDC 2 form C (2 CO) Single Solder Hermet. sealed 2-1393819-7 V23162-B0704-F104 5A, size II 72VDC 48.4/114VDC 2 form C (2 CO) Single Solder Hermet. sealed 8-1393818-0 V23162-B0735-F104 5A, size II 110VDC 65/164VDC 2 form C (2 CO) Single Solder Hermet. sealed 3-1393819-4 V23162-B0703-F104 5A, size II 125VDC 81/190VDC 2 form C (2 CO) Single Solder Hermet. sealed 7-1393818-5 V23162-H0XX, standard, size II V23162-H0715-B110 Standard, size II 8.5VDC 5.1/14VDC 4 form C (4 CO) Single Solder, Au pl. Hermet. sealed 4-1393819-2 V23162-H0720-B110 Standard, size II 20VDC 11.9/32VDC 4 form C (4 CO) Single Solder, Au pl. Hermet. sealed 4-1393819-4 V23162-H0720-B610 Standard, size II 20VDC 11.9/32VDC 4 form C (4 CO) Single Solder, Au pl. Hermet. sealed 4-1393819-6 V23162-H0720-C410 Standard, size II 20VDC 17.7/32VDC 4 form C (4 CO) Bifurcated Solder, Au pl. Hermet. sealed 4-1393819-7 V23162-H0421-B610 Standard, size II 24VDC 15/36VDC 4 form C (4 CO) Single Solder, Au pl. Hermet. sealed 3-1393819-7 V23162-H0721-B110 Standard, size II 24VDC 14.5/40VDC 4 form C (4 CO) Single Solder, Au pl. Hermet. sealed 4-1393819-9 V23162-H0721-B610 Standard, size II 24VDC 14.5/40VDC 4 form C (4 CO) Single Solder, Au pl. Hermet. sealed 5-1393819-0 V23162-H0721-C410 Standard, size II 24VDC 22/40VDC 4 form C (4 CO) Bifurcated Solder, Au pl. Hermet. sealed 5-1393819-1 V23162-H0722-C110 Standard, size II 32VDC 33.8/54VDC 4 form C (4 CO) Bifurcated Solder, Au pl. Hermet. sealed 5-1393819-3 V23162-H0722-C410 Standard, size II 32VDC 33.8/54VDC 4 form C (4 CO) Bifurcated Solder, Au pl. Hermet. sealed 5-1393819-4 |
同様の部品番号 - 9-1393810-0 |
|
同様の説明 - 9-1393810-0 |