データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


LMR23625 データシート(Datasheet) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号. LMR23625
部品情報  SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
ダウンロード  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo 

 
 2 page
background image
2
LMR23625-Q1
SNVSAR5 – DECEMBER 2016
www.ti.com
Product Folder Links: LMR23625-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Product Portfolio.................................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ...................... 4
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics........................................... 5
7.6
Timing Characteristics............................................... 7
7.7
Switching Characteristics .......................................... 8
7.8
Typical Characteristics .............................................. 9
8
Detailed Description ............................................ 11
8.1
Overview ................................................................. 11
8.2
Functional Block Diagram ....................................... 11
8.3
Feature Description................................................. 12
8.4
Device Functional Modes........................................ 18
9
Application and Implementation ........................ 19
9.1
Application Information............................................ 19
9.2
Typical Applications ................................................ 19
10
Power Supply Recommendations ..................... 25
11
Layout................................................................... 25
11.1
Layout Guidelines ................................................. 25
11.2
Compact Layout for EMI Reduction ...................... 25
11.3
Ground Plane and Thermal Considerations.......... 26
11.4
Feedback Resistors .............................................. 26
11.5
Layout Example .................................................... 27
12
Device and Documentation Support ................. 28
12.1
Receiving Notification of Documentation Updates 28
12.2
Community Resources.......................................... 28
12.3
Trademarks ........................................................... 28
12.4
Electrostatic Discharge Caution ............................ 28
12.5
Glossary ................................................................ 28
13
Mechanical, Packaging, and Orderable
Information ........................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
December 2016
*
Initial release.




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl