データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD37521FS データシート(PDF) 11 Page - Rohm

部品番号 BD37521FS
部品情報  Sound Processor with Built-in 2-band Equalizer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD37521FS データシート(HTML) 11 Page - Rohm

Back Button BD37521FS Datasheet HTML 7Page - Rohm BD37521FS Datasheet HTML 8Page - Rohm BD37521FS Datasheet HTML 9Page - Rohm BD37521FS Datasheet HTML 10Page - Rohm BD37521FS Datasheet HTML 11Page - Rohm BD37521FS Datasheet HTML 12Page - Rohm BD37521FS Datasheet HTML 13Page - Rohm BD37521FS Datasheet HTML 14Page - Rohm BD37521FS Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
BD37521FS
11/27
TSZ02201-0C2C0E100460-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
(5)Select Address & Data
Items
Select
Address
(hex)
MSB
Data
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Initial setup 1
01
Advanced
switch
ON/OFF
0
Advanced switch time
of Input Gain/Volume
Tone/Fader/Loudness
0
0
Advanced switch time
of Mute
Initial setup 2
02
0
0
0
0
0
0
0
0
Initial setup 3
03
0
0
0
1
0
0
1
0
Input Selector
05
0
0
0
Input selector
Input gain
06
Mute
ON/OFF
0
0
Input Gain
Volume gain
20
Volume Gain / Attenuation
Fader 1ch Front
28
Fader Attenuation
Fader 2ch Front
29
Fader Attenuation
Fader 1ch Rear
2A
Fader Attenuation
Fader 2ch Rear
2B
Fader Attenuation
Test mode 1
2C
1
1
1
1
1
1
1
1
Test mode 2
41
0
0
1
0
0
0
0
1
Test mode 3
44
0
0
0
0
0
0
0
0
Test mode 4
47
0
0
0
1
0
0
0
1
Bass gain
51
Bass
Boost/Cut
0
0
Bass Gain
Test mode 5
54
1
0
0
0
0
0
0
0
Treble gain
57
Treble
Boost/Cut
0
0
Treble Gain
Loudness Gain
75
0
0
0
Loudness Gain
System Reset
FE
1
0
0
0
0
0
0
1
Advanced switch
Note
1. The advance switch works in the latch part while changing from one function to another.
2. Upon continuous data transfer, the Select Address rolls back to the first address on automatic increment function, as
shown below.
3. Advanced switch is not used for the function of input selector etc. Therefore, please turn on MUTE when changing the
settings of this side of a set.
4. When using Mute function when changing input selector, please switch Mute ON/OFF for waiting advanced-mute time.
→01 → 02 → 03 → 05 → 06 → 20 → 28 → 29 → 2A → 2B → 2C
→ 41 → 44 → 47 → 51 → 54 → 57 →7 5


同様の部品番号 - BD37521FS

メーカー部品番号データシート部品情報
logo
Rohm
BD37521FS ROHM-BD37521FS Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

同様の説明 - BD37521FS

メーカー部品番号データシート部品情報
logo
Rohm
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37512FS ROHM-BD37512FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37523FS ROHM-BD37523FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37503FV ROHM-BD37503FV Datasheet
1Mb / 32P
   Sound processor with Built-in 2-band Equalizer
BD37515FS ROHM-BD37515FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37513FS ROHM-BD37513FS_15 Datasheet
3Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37514FS ROHM-BD37514FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com