データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-817-500 データシート(PDF) 4 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-817-500
部品情報  Phototransistor Optocoupler High Density Mounting Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-817-500 データシート(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-817-500 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-817-500 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-817-500 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-817-500 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-817-500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-817-500 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Figure 1. Forward current vs. temperature.
Figure 2. Collector power dissipation vs.
temperature.
Figure 3. Collector-emitter saturation voltage
vs. forward current.
0
TA – AMBIENT TEMPERATURE – °C
75
125
50
25
10
40
0
50
100
-30
60
30
20
0
TA – AMBIENT TEMPERATURE – °C
100
50
200
150
75
125
25
0
50
100
-30
0
IF – FORWARD CURRENT – mA
14
20
2
6
0
1
3
4
5
6
TA = 25°C
IC = 0.5 mA
IC = 1 mA
IC = 3 mA
IC = 6 mA
IC = 7 mA
24
8
10 12
16 18
Figure 4. Forward current vs. forward voltage.
Figure 5. Current transfer ratio vs. forward
current.
Figure 6. Collector current vs. collector-
emitter voltage.
Figure 7. Relative current transfer ratio vs.
temperature.
Figure 8. Collector-emitter saturation
voltage vs. temperature.
Figure 9. Collector dark current vs.
temperature.
0
VCE – COLLECTOR-EMITTER VOLTAGE – V
69
40
20
50
3
0
PC (MAX.)
TA = 25°C
IF = 30 mA
IF = 20 mA
IF = 10 mA
IF = 5 mA
30
10
IF = 20 mA
IF = 10 mA
12
4
5
78
0
100
50
150
VCE = 5 V
IF = 5 mA
TA – AMBIENT TEMPERATURE – °C
75
25
0
50
100
-30
0
0.10
0.02
0.16
IC = 1 mA
IF = 20 mA
TA – AMBIENT TEMPERATURE – °C
75
25
0
50
100
-25
0.04
0.06
0.08
0.12
0.14
TA – AMBIENT TEMPERATURE – °C
VCE = 20 V
10
-11
10
-10
10
-9
10
-8
10
-7
10
-6
75
25
0
50
100
-25
10
-5
1
VF – FORWARD VOLTAGE – V
2.0
3.0
10
5
500
1.0
0
TA = 75°C
0.5
1.5
2.5
2
20
50
100
200
TA = 50°C
TA = 25°C
TA = 0°C
TA = -25°C
0
IF – FORWARD CURRENT – mA
10
50
40
200
2
1
20
60
120
140
160
VCE = 5 V
TA = 25°C
80
100
180
520


同様の部品番号 - HCPL-817-500

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-817-500E AVAGO-HCPL-817-500E Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
More results

同様の説明 - HCPL-817-500

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-817-50AE AVAGO-HCPL-817-50AE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817 AVAGO-HCPL-817 Datasheet
247Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-00BE AVAGO-HCPL-817-00BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-36BE AVAGO-HCPL-817-36BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-300E AVAGO-HCPL-817-300E Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-30AE AVAGO-HCPL-817-30AE Datasheet
164Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-56BE AVAGO-HCPL-817-56BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
logo
Agilent(Hewlett-Packard...
HCPL-814 HP-HCPL-814 Datasheet
85Kb / 6P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-814 AVAGO-HCPL-814 Datasheet
216Kb / 7P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
List of Unclassifed Man...
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com