データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC102825005JE データシート(PDF) 2 Page - Ohmite Mfg. Co.

部品番号 MC102825005JE
部品情報  Low voltage coefficient
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OHMITE [Ohmite Mfg. Co.]
ホームページ  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MC102825005JE データシート(HTML) 2 Page - Ohmite Mfg. Co.

  MC102825005JE Datasheet HTML 1Page - Ohmite Mfg. Co. MC102825005JE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
25
MC102821006J ER
Macro Chip
Series
Terminal
5 = J-bend
6 = SMD
8 = No term.
Style
101
102
104
202
204
Tolerance
D= 0.5%
F= 1%
G= 2%
J= 5%
K= 10%
M= 15%
P= 20%
Coating
2 = Blue silicone
Ohms
First 3 digits are
significant; 4th digit is
multiplier (# of zeroes
to follow). Examples:
10R2 = 10.2 ohms
1000 = 100 ohms
1503 = 150,000 ohms
E = RoHS
compliant
Tape and Reel
optional
B
A
0.050" (1.27 mm)
two places
0.030" ±0.005
(0.76 mm ±0.13)
B'
0.14"
(3.6mm)
0.055" typ.
(1.40mm)
NAS CC21AA-D22W-OFA
J Lead 0.050" centers
With Terminal Options:
J-bend
0.065"
(1.65mm)
0.035" typ.
(0.89mm)
SMD
Land Pattern
Land pattern dimensions are for
reference only.
L
O
M
N
Size
M
N
O
L
MC101 0.280 0.080 0.278 0.120
MC102 0.530 0.080 0.278 0.370
MC103 0.780 0.080 0.278 0.620
MC104 1.030 0.080 0.278 0.870
MC202 0.530 0.080 0.556 0.370
MC204 1.030 0.080 0.556 0.870
Qty./Reel
Series
Power
A ±.01”
B ±.01”
B’ max. (J-bend)
w/J-bend w/o J-bend
MC101 0.75W 0.25” (6.35)
0.25” (6.35)
0.29” (7.37)
1000
2500
MC102 1.50W 0.25” (6.35)
0.50” (12.70) 0.54” (13.72)
1000
2500
MC103 2.00W 0.25” (6.35)
0.75” (19.05)
0.79” (20.07)
1000
2500
MC104 2.50W 0.25” (6.35)
1.00” (25.40) 1.04” (26.42)
MC202 2.50W 0.50” (12.70)
0.50” (12.70)
MC204 3.25W 0.50” (12.70)
1.00” (25.40)
Contact Ohmite for custom configurations.
Macrochip Series
High Voltage/High Resistance
Precision Thick Film Surface Mount
d IM en SI on S
(in./mm)
order I ng I nfor M at I on
Temp. Coeff. of Resistance*
0°C-85°C
85°C-125°C
Voltage Coeff. of Resistance**
Resistor Series 25 PPM/°C
50 PPM/°C
100 PPM/°C
< 2PPM/Volt
< 5PPM/Volt
MC101
100 to 800M
100Ω to 100M 101M to 1,000M 100Ω to 270M 271M to 1,000M
MC102
200 to 1,500M 200Ω to 250M 251M to 5,000M 200Ω to 640M 641M to 5,000M
MC103
250 to 800M
250Ω to 440M 441M to 5,000M 250Ω to 1,100M 1,101M to 5,000M
MC104
500 to 2,500M 500Ω to 450M 451M to 5,000M 500Ω to 1,100M 1,101M to 5,000M
MC202
500 to 1,500M 500Ω to 200M 201M to 5,000M 500Ω to 520M 521M to 5,000M
MC204
1K to 1,750M
1K to 375M
376M to 5,000M
1K to 950M
951M to 5,000M
*TCR of 25ppm for temperature range of 0°C-85°C. TCR of 50ppm and 100ppm for -55°C to 125°C.
Consult factory for TCR values operating higher than 125°C
**VC’s of <2PPM/Volt are available. Contact Ohmite with your requirement.
1K
MC102821001JE
2.5K MC102822501JE
5K
MC102825001JE
7.5K MC102827501JE
10K
MC102821002JE
12.5K MC102821252JE
15K
MC102821502JE
17.5K MC102821752JE
20K
MC102822002JE
25K
MC102822502JE
t e M p./Voltage c oeff I c I ent S of r e SIS tance
Standard Part Numbers
Series:
MC10282
Tolerance:
5% Watts: 1W
Ohms Part Number
Ohms Part Number
Ohms Part Number
50K
MC102825002JE
75K
MC102827502JE
100K MC102821003JE
125K MC102821253JE
150K MC102821503JE
200K MC102822003JE
250K MC102822503JE
500K MC102825003JE
750K MC102827503JE
1M
MC102821004JE
1.25M MC102821254JE
1.5M MC102821504JE
1.75M MC102821754JE
2M
MC102822004JE
2.5M MC102822504JE
5M
MC102825004JE
10M
MC102821005JE
25M
MC102822505JE
50M
MC102825005JE


同様の部品番号 - MC102825005JE

メーカー部品番号データシート部品情報
logo
Ohmite Mfg. Co.
MC102825005JE OHMITE-MC102825005JE Datasheet
158Kb / 1P
   High Voltage/High Resistance Precision Thick Film Surface Mount
MC102825005JE OHMITE-MC102825005JE Datasheet
363Kb / 2P
   High Voltage/High Resistance Precision Thick Film Surface Mount
More results

同様の説明 - MC102825005JE

メーカー部品番号データシート部品情報
logo
Ohmite Mfg. Co.
RES-HPW OHMITE-RES-HPW Datasheet
272Kb / 2P
   Low voltage coefficient
logo
TT Electronics.
3810 TTELEC-3810 Datasheet
443Kb / 2P
   Low voltage coefficient
LRK TTELEC-LRK Datasheet
144Kb / 2P
   Low temperature coefficient
logo
TAITIEN ELECTRONICS CO....
XO-0127-X6-TYPE TAITIEN-XO-0127-X6-TYPE Datasheet
188Kb / 1P
   High stability, low temperature frequency coefficient
XO-0128-X5-TYPE TAITIEN-XO-0128-X5-TYPE Datasheet
244Kb / 1P
   High stability, low temperature frequency coefficient
XO-0126-X8-TYPE TAITIEN-XO-0126-X8-TYPE Datasheet
194Kb / 1P
   High stability, low temperature frequency coefficient
logo
MultiDimension Technolo...
TMR7506-C MULTIDIMENSION-TMR7506-C Datasheet
1Mb / 10P
   Unibody Low Temperature Coefficient Current Sensor
Version 1.0
TMR7506-B MULTIDIMENSION-TMR7506-B Datasheet
1Mb / 10P
   Unibody Low Temperature Coefficient Current Sensor
Version 1.1
logo
TAITIEN ELECTRONICS CO....
XO-0129-XH-TYPE TAITIEN-XO-0129-XH-TYPE Datasheet
223Kb / 1P
   High stability, low temperature frequency coefficient
XO-0125-X7-TYPE TAITIEN-XO-0125-X7-TYPE Datasheet
194Kb / 1P
   High stability, low temperature frequency coefficient
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com