データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2936DT-3.3 データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM2936DT-3.3
部品情報  Ultra-Low Quiescent Current 3.3V Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2936DT-3.3 データシート(HTML) 4 Page - National Semiconductor (TI)

  LM2936DT-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LM2936DT-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LM2936DT-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LM2936DT-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LM2936DT-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM2936DT-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM2936DT-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM2936DT-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM2936DT-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical Characteristics (Continued)
V
IN = 14V, IO = 10 mA, TJ = 25˚C, unless otherwise specified. Boldface limits apply over entire operating temperature range
Parameter
Conditions
Min
(Note 5)
Typical
(Note 4)
Max
(Note 5)
Units
Shutdown Input - LM2936BM Only
Output Voltage, V
OUT
Output Off, V
SD = 2.4V
0
0.010
V
Shutdown High Threshold
Voltage, V
IH
Output Off, R
LOAD = 500
2.00
1.1
V
Shutdown Low Threshold
Voltage, V
IL
Output On, R
LOAD = 500
1.1
0.60
V
Shutdown High Current, I
IH
Output Off, V
SD = 2.4V, RLOAD = 500
12
µA
Quiescent Current
Output Off, V
SD = 2.4V, RLOAD = 500
Includes I
IH Current
30
µA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its specified operating ratings.
Note 2: Human body model, 100 pF discharge through a 1.5 k
Ω resistor.
Note 3: The maximum power dissipation is a function of TJmax, θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJmax −TA)/θJA. If this dissipation is exceeded, the die temperature will rise above 150˚C and the LM2936 will go into thermal shutdown.
Note 4: Typicals are at 25˚C (unless otherwise specified) and represent the most likely parametric norm.
Note 5: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level) and 100% tested.
Note 6: To ensure constant junction temperature, pulse testing is used.
Typical Performance Characteristics
Maximum Power
Dissipation (TO-92)
Dropout Voltage
10132407
10132408
Dropout Voltage
Quiescent Current
10132409
10132410
www.national.com
4


同様の部品番号 - LM2936DT-3.3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2936DT-3.3 NSC-LM2936DT-3.3 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936DT-3.3 TI-LM2936DT-3.3 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936DT-3.3 TI-LM2936DT-3.3 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936DT-3.3/NOPB TI-LM2936DT-3.3/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
More results

同様の説明 - LM2936DT-3.3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
LM2936-50 NSC-LM2936-50 Datasheet
331Kb / 9P
   Ultra-Low Quiescent Current 5V Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
logo
National Semiconductor ...
LM2936-5.0 NSC-LM2936-5.0 Datasheet
414Kb / 10P
   Ultra-Low Quiescent Current 5V Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
National Semiconductor ...
LM2936-3.0 NSC-LM2936-3.0 Datasheet
301Kb / 10P
   Ultra-Low Quiescent Current 3.0V Regulator
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com