データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2936DT-3.3 データシート(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM2936DT-3.3
部品情報  Ultra-Low Quiescent Current 3.3V Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2936DT-3.3 データシート(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2936DT-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LM2936DT-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LM2936DT-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LM2936DT-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM2936DT-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM2936DT-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM2936DT-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM2936DT-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LM2936DT-3.3 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Applications Information (Continued)
Under conditions of higher ambient temperatures, the volt-
age and current calculated in the previous examples will
drop. For instance, at the maximum ambient of 125˚C the
LM2936Z-3.3 can only dissipate 128 mW, limiting the input
voltage to 5.6V for a 50 mA load, or 3.0 mA output current for
a 40V input.
The junction to ambient thermal resistance
θ
JA rating has
two distinct components: the junction to case thermal resis-
tance rating
θ
JC; and the case to ambient thermal resistance
rating
θ
CA. The relationship is defined as:
θ
JA =
θ
JC +
θ
CA.
For the SO-8 and TO-252 surface mount packages the
θ
JA
rating can be improved by using the copper mounting pads
on the printed circuit board as a thermal conductive path to
extract heat from the package.
On the SO-8 package the four ground pins are thermally
connected to the backside of the die. Adding approximately
0.04 square inches of 2 oz. copper pad area to these four
pins will improve the
θ
JA rating to approximately 110˚C/W. If
this extra pad are is placed directly beneath the package
there should not be any impact on board density.
On the TO-252 package the ground tab is thermally con-
nected to the backside of the die. Adding 1 square inch of 2
oz. copper pad area directly under the ground tab will im-
prove the
θ
JA rating to approximately 50˚C/W.
While the LM2936 has an internally set thermal shutdown
point of typically 150˚C, this is intended as a safety feature
only. Continuous operation near the thermal shutdown tem-
perature should be avoided as it may have a negative affect
on the life of the device.
While the LM2936-3.3 will survive input transients to +60V,
output regulation is not guaranteed for input voltages greater
than 40V. The LM2936 will not withstand a output short
circuit with the input above 40V because of safe operating
area limitations in the internal PNP pass device. With input
voltages above 60V the LM2936 will break down with cata-
strophic effects on the regulator and possibly the load as
well. Do not use this device in a design where the input
operating voltage may exceed 40V, or where transients are
likely to exceed 60V.
Shutdown Pin
The LM2936BM has a pin for shutting down the regulator
output. Applying a Logic Level High (>2.0V) to the Shutdown
pin will cause the output to turn off. Leaving the Shutdown
pin open, connecting it to Ground, or applying a Logic Level
Low (<0.6V) will allow the regulator output to turn on.
www.national.com
7


同様の部品番号 - LM2936DT-3.3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2936DT-3.3 NSC-LM2936DT-3.3 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936DT-3.3 TI-LM2936DT-3.3 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936DT-3.3 TI-LM2936DT-3.3 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936DT-3.3/NOPB TI-LM2936DT-3.3/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
More results

同様の説明 - LM2936DT-3.3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
LM2936-50 NSC-LM2936-50 Datasheet
331Kb / 9P
   Ultra-Low Quiescent Current 5V Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
logo
National Semiconductor ...
LM2936-5.0 NSC-LM2936-5.0 Datasheet
414Kb / 10P
   Ultra-Low Quiescent Current 5V Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
National Semiconductor ...
LM2936-3.0 NSC-LM2936-3.0 Datasheet
301Kb / 10P
   Ultra-Low Quiescent Current 3.0V Regulator
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com