データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4040DYM3-5.0 データシート(PDF) 9 Page - Micrel Semiconductor

部品番号 LM4040DYM3-5.0
部品情報  Precision Micropower Shunt Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4040DYM3-5.0 データシート(HTML) 9 Page - Micrel Semiconductor

Back Button LM4040DYM3-5.0 Datasheet HTML 5Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 6Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 7Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 8Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 9Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 10Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 11Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 12Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Micrel, Inc.
LM4040/LM4041
June 24, 2014
9
Revision 3.0
LM4041-ADJ Electrical Characteristics
(5)
TA = Operating Temperature Range, bold values indicate TA = TJ = –40°C to +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
LM4041D
VR
Reverse Breakdown Voltage
IR = 100µA, VOUT = 5V
1.233
V
Reverse Breakdown Voltage
Tolerance
(6)
IR = 100µA
±12
mV
±24
mV
IRMIN
Minimum Operating Current
45
65
µA
70
µA
ΔVREF/
ΔIR
Reference Voltage Change with
Operating Current
IRMIN ≤ IR ≤ 1mA, VOUT ≥ 1.6V
(7)
0.7
2.0
mV
2.5
mV
1mA
≤ IR ≤ 15mA, VOUT ≥ 1.6V
(7)
2.0
6.0
mV
8.0
mV
ΔVREF/
ΔVO
Reference Voltage Change with
Output Voltage Change
IR = 1mA
-1.55
-2.5
mV/V
-3.0
mV/V
IFB
Feedback Current
60
150
nA
200
nA
ΔVREF/ΔT
Average Reference Voltage
Temperature Coefficient
VOUT = 5V, IR = 10mA
±20
ppm/°C
VOUT = 5V, IR = 1mA
±15
±150
ppm/°C
VOUT = 5V, IR = 100µA
±15
ppm/°C
ZOUT
Dynamic Output Impedance
IR = 1mA, f = 120Hz, IAC = 0.1IR
VOUT = VREF
0.3
VOUT = 10V
2.0
eN
Wideband Noise
IR = 100µA, 10Hz ≤ f ≤ 10kHz
20
µVRMS
ΔVR
Reverse Breakdown Voltage
Long Term Stability
t = 1000hrs, T = 25°C ±0.1°C, IR = 100µA
120
ppm


同様の部品番号 - LM4040DYM3-5.0

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
LM4040DYM3-2.5TR MICREL-LM4040DYM3-2.5TR Datasheet
818Kb / 16P
   Precision Micropower Shunt Voltage Reference
More results

同様の説明 - LM4040DYM3-5.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com