データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4040DYM3-5.0 データシート(PDF) 1 Page - Micrel Semiconductor

部品番号 LM4040DYM3-5.0
部品情報  Precision Micropower Shunt Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4040DYM3-5.0 データシート(HTML) 1 Page - Micrel Semiconductor

  LM4040DYM3-5.0 Datasheet HTML 1Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 2Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 3Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 4Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 5Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 6Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 7Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 8Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM4040/LM4041
Precision Micropower Shunt Voltage
Reference
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 24, 2014
Revision 3.0
General Description
Ideal for space critical applications, the LM4040 and
LM4041 precision voltage references are available in the
subminiature (3mm × 1.3mm) SOT-23 surface-mount
package.
The LM4040 is available in fixed reverse breakdown
voltages of 2.500V, 4.096V, and 5.000V. The LM4041 is
available with a fixed 1.225V or an adjustable reverse
breakdown voltage.
The minimum operating current ranges from 60μA for the
LM4041-1.2 to
74μA for the LM4040-5.0. LM4040 versions
have a maximum operating current of 15mA. LM4041
versions have a maximum operating current of 12mA.
The LM4040 and LM4041 have bandgap reference
temperature drift curvature correction and low dynamic
impedance, ensuring stable reverse breakdown voltage
accuracy over a wide range of operating temperatures and
currents.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
 Small SOT-23 package
 No output capacitor required
 Tolerates capacitive loads
 Fixed reverse breakdown voltages of 1.225, 2.500V,
4.096V, and 5.000V
 Adjustable reverse breakdown version
 Contact Micrel for parts with extended temperature
range.
Applications
 Battery-powered equipment
 Data acquisition systems
 Instrumentation
 Process control
 Energy management
 Product testing
 Automotive electronics
 Precision audio components
Typical Application
LM4040, LM4041 Fixed Shunt
Regulator Application
LM4041 Adjustable Shunt
Regulator Application


同様の部品番号 - LM4040DYM3-5.0

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
LM4040DYM3-2.5TR MICREL-LM4040DYM3-2.5TR Datasheet
818Kb / 16P
   Precision Micropower Shunt Voltage Reference
More results

同様の説明 - LM4040DYM3-5.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com