データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2937-25 データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM2937-25
部品情報  400mA and 500mA Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2937-25 データシート(HTML) 1 Page - National Semiconductor (TI)

  LM2937-25 Datasheet HTML 1Page - National Semiconductor (TI) LM2937-25 Datasheet HTML 2Page - National Semiconductor (TI) LM2937-25 Datasheet HTML 3Page - National Semiconductor (TI) LM2937-25 Datasheet HTML 4Page - National Semiconductor (TI) LM2937-25 Datasheet HTML 5Page - National Semiconductor (TI) LM2937-25 Datasheet HTML 6Page - National Semiconductor (TI) LM2937-25 Datasheet HTML 7Page - National Semiconductor (TI) LM2937-25 Datasheet HTML 8Page - National Semiconductor (TI) LM2937-25 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM2937-2.5, LM2937-3.3
400mA and 500mA Voltage Regulators
General Description
The LM2937-2.5 and LM2937-3.3 are positive voltage regu-
lators capable of supplying up to 500 mA of load current.
Both regulators are ideal for converting a common 5V logic
supply, or higher input supply voltage, to the lower 2.5V and
3.3V supplies to power VLSI ASIC’s and microcontrollers.
Special circuitry has been incorporated to minimize the qui-
escent current to typically only 10 mA with a full 500 mA load
current when the input to output voltage differential is greater
than 5V.
The LM2937 requires an output bypass capacitor for stabil-
ity. As with most regulators utilizing a PNP pass transistor,
the ESR of this capacitor remains a critical design param-
eter, but the LM2937-2.5 and LM2937-3.3 include special
compensation circuitry that relaxes ESR requirements. The
LM2937 is stable for all ESR ratings less than 5
Ω. This al-
lows the use of low ESR chip capacitors.
The regulators are also suited for automotive applications,
with built in protection from reverse battery connections,
two-battery jumps and up to +60V/−50V load dump tran-
sients. Familiar regulator features such as short circuit and
thermal shutdown protection are also built in.
Features
n
Fully specified for operation over −40˚C to +125˚C
n
Output current in excess of 500 mA (400mA for
SOT-223 package)
n
Output trimmed for 5% tolerance under all operating
conditions
n
Wide output capacitor ESR range, 0.01
Ω up to 5Ω
n
Internal short circuit and thermal overload protection
n
Reverse battery protection
n
60V input transient protection
n
Mirror image insertion protection
Connection Diagram and Ordering Information
TO-220 Plastic Package
DS100113-24
Front View
Order Number LM2937ET-2.5, LM2937ET-3.3,
See NS Package Number T03B
SOT-223 Plastic Package
DS100113-25
Front View
Order Number LM2937IMP-2.5, LM2937IMP-3.3,
See NS Package Number MA04A
TO-263 Surface-Mount Package
DS100113-26
Top View
DS100113-27
Side View
Order Number LM2937ES-2.5, LM2937ES-3.3,
See NS Package Number TS3B
February 1998
© 1998 National Semiconductor Corporation
DS100113
www.national.com


同様の部品番号 - LM2937-25

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2937-2.5 NSC-LM2937-2.5 Datasheet
309Kb / 10P
   400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937-2.5 TI-LM2937-2.5_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2937 2.5-V and 3.3-V 400-mA and 500-mA Voltage Regulators
More results

同様の説明 - LM2937-25

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2937-2.5 NSC-LM2937-2.5 Datasheet
309Kb / 10P
   400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937IMP-33 TI1-LM2937IMP-33 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
LM2937ES-3.3 TI1-LM2937ES-3.3 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
logo
List of Unclassifed Man...
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
logo
Linear Dimensions Semic...
LND48XX LINEAR_DIMENSIONS-LND48XX Datasheet
114Kb / 4P
   400mA Low Dropout Voltage Regulators
logo
E-CMOS Corporation
EC78XXM E-CMOS-EC78XXM Datasheet
893Kb / 15P
   500mA Positive Voltage Regulators
logo
Sipex Corporation
SPX2937 SIPEX-SPX2937 Datasheet
133Kb / 4P
   500mA Low Dropout Voltage Regulators
logo
Semtech Corporation
SC1540 SEMTECH-SC1540 Datasheet
64Kb / 4P
   300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
List of Unclassifed Man...
PJ5800 ETC-PJ5800 Datasheet
237Kb / 5P
   500mA CMOS Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com