データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD37524FS データシート(PDF) 4 Page - Rohm

部品番号 BD37524FS
部品情報  Sound Processor with Built-in 3-band Equalizer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD37524FS データシート(HTML) 4 Page - Rohm

  BD37524FS Datasheet HTML 1Page - Rohm BD37524FS Datasheet HTML 2Page - Rohm BD37524FS Datasheet HTML 3Page - Rohm BD37524FS Datasheet HTML 4Page - Rohm BD37524FS Datasheet HTML 5Page - Rohm BD37524FS Datasheet HTML 6Page - Rohm BD37524FS Datasheet HTML 7Page - Rohm BD37524FS Datasheet HTML 8Page - Rohm BD37524FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
BD37524FS
4/31
TSZ02201-0C2C0E100490-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Power supply Voltage
VCC
10.0
V
Input voltage
VIN
VCC+0.3 to GND-0.3
V
Power Dissipation
Pd
1 (Note 1)
W
Storage Temperature
Tstg
-55 to +150
°C
(Note 1) When mounted on standard board (70 x 70 x 1.6(mm3)), derate by 8mW/°C for Ta above25°C.
Thermal resistance θja = 125(°C/W)
Material : A FR4 grass epoxy board(3% or less of copper foil area)
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VCC
7.0
9.5
V
Temperature
Topr
-40
+85
°C
Electrical Characteristics
(Unless otherwise noted, Ta=25°C, VCC=8.5V, f=1kHz, VIN
=1Vrms, Rg=600Ω, RL=10kΩ, A1 input, Input gain 0dB,
Mute OFF, Volume 0dB, Tone control 0dB, Loudness 0dB, LPF OFF, Fader 0dB)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Circuit Current (No Signal)
IQ
38
48
mA
No signal
Voltage Gain
GV
-1.5
0
+1.5
dB
GV=20log(VOUT/VIN)
Channel Balance
CB
-1.5
0
+1.5
dB
CB = GV1-GV2
Total Harmonic Distortion 1
(FRONT,REAR)
THD+N1
0.001
0.05
VOUT=1Vrms
BW=400Hz-30KHz
Total Harmonic Distortion 2
(SUBWOOFER)
THD+N2
0.002
0.05
VOUT=1Vrms
BW=400Hz-30KHz
Output Noise Voltage 1
(FRONT,REAR) *
VNO1
3.8
15
μVrms
Rg = 0Ω
BW = IHF-A
Output Noise Voltage 2
(SUBWOOFER) *
VNO2
4.8
15
μVrms
Rg = 0Ω
BW = IHF-A
Residual Output Noise Voltage *
VNOR
1.8
10
μVrms
Fader = -
∞dB
Rg = 0Ω
BW = IHF-A
Crosstalk Between Channels *
CTC
-100
-90
dB
Rg = 0
Ω
CTC=20log(VOUT/VIN)
BW = IHF-A
Ripple Rejection
RR
-70
-40
dB
f=1KHz
VRR=100mVrms
RR=20log(VCC IN/VOUT)
Input Impedance(A, B)
RIN_S
70
100
130
Input Impedance (C,D,E)
RIN_D
175
250
325
Maximum Input Voltage
VIM
2.1
2.3
Vrms
VIM at THD+N(VOUT)=1
BW=400Hz-30KHz
Crosstalk Between Selectors *
CTS
-100
-90
dB
Rg = 0Ω
CTS=20log(VOUT/VIN)
BW = IHF-A
Common Mode Rejection Ratio *
CMRR
50
65
dB
CP1 and CN input
CP2 and CN input
CMRR=20log(VIN/VOUT)
BW = IHF-A
Minimum Input Gain
GIN_MIN
-2
0
+2
dB
Input gain 0dB
VIN=100mVrms
GIN=20log(VOUT/VIN)
Maximum Input Gain
GIN_MAX
18
20
22
dB
Input gain 20dB
VIN=100mVrms
GIN=20log(VOUT/VIN)
Gain Set Error
GIN_ERR
-2
0
+2
dB
GAIN=+20dB to +1dB


同様の部品番号 - BD37524FS

メーカー部品番号データシート部品情報
logo
Rohm
BD37524FS ROHM-BD37524FS Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
BD37524FS ROHM-BD37524FS Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS-E2 ROHM-BD37524FS-E2 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
More results

同様の説明 - BD37524FS

メーカー部品番号データシート部品情報
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37541FS ROHM-BD37541FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37543FS ROHM-BD37543FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com