データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD37542FS データシート(PDF) 7 Page - Rohm

部品番号 BD37542FS
部品情報  Sound Processor with Built-in 3-band Equalizer
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD37542FS データシート(HTML) 7 Page - Rohm

Back Button BD37542FS Datasheet HTML 3Page - Rohm BD37542FS Datasheet HTML 4Page - Rohm BD37542FS Datasheet HTML 5Page - Rohm BD37542FS Datasheet HTML 6Page - Rohm BD37542FS Datasheet HTML 7Page - Rohm BD37542FS Datasheet HTML 8Page - Rohm BD37542FS Datasheet HTML 9Page - Rohm BD37542FS Datasheet HTML 10Page - Rohm BD37542FS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
BD37542FS
7/33
TSZ02201-0C2C0E100570-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Typical Performance Curves
-5
-4
-3
-2
-1
0
1
2
3
4
5
10
100
1k
10k
100k
Frequency (Hz)
Figure 4. Bass Gain vs Freq
Figure 2. Thd vs Vo
0
10
20
30
40
50
0
2
4
6
8
10
VCC[V]
Figure 1. Circuit Current (No Signal) vs Power Supply
Voltage
Power Supply Voltage : VCC [V]
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Vout (V)
0.001
0.01
0.1
1
10
Output Voltage : VOUT [Vrms]
10kHz
1kHz
100Hz
Figure 2. Total Harmonic Distortion vs Output Voltage
-25
-20
-15
-10
-5
0
5
10
15
20
25
10
100
1k
10k
100k
Frequency [Hz]
BASS GAIN : -20dB to +20dB
/1dB step
fO : 60Hz
Q : 0.5
Figure 4. Bass Gain vs Frequency
Figure 3. Gain vs Frequency
Gain=0dB


同様の部品番号 - BD37542FS

メーカー部品番号データシート部品情報
logo
Rohm
BD37542FS ROHM-BD37542FS Datasheet
171Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

同様の説明 - BD37542FS

メーカー部品番号データシート部品情報
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37541FS ROHM-BD37541FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37543FS ROHM-BD37543FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com