データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3-101-005 データシート(PDF) 1 Page - Schurter Inc.

部品番号 3-101-005
部品情報  Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHURTER [Schurter Inc.]
ホームページ  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3-101-005 データシート(HTML) 1 Page - Schurter Inc.

  3-101-005 Datasheet HTML 1Page - Schurter Inc. 3-101-005 Datasheet HTML 2Page - Schurter Inc. 3-101-005 Datasheet HTML 3Page - Schurter Inc. 3-101-005 Datasheet HTML 4Page - Schurter Inc. 3-101-005 Datasheet HTML 5Page - Schurter Inc. 3-101-005 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Metal Line Switches
MSM LA CS 19
www.schurter.com /PG70
Switches
Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
Newly available with bright illumination
Description
- Switch available in version: Standard (ST), with Lettering (LE), with area
illumination (AI)
- Available with bright illumination
- Available with 12 A and 16 A switching current
- Assembly by mounting with nut and subsequent clipping of the swit-
ching element
- Equipped with flat-pin plugs to permit fast connection
Standards
- DIN EN 61058-1
- UL 1054
Approvals
- Low Voltage Directive 2014/35/EU: Low Voltage Directive 2014/35/EU
- KEMA / ENEC File Number (Marquardt): 2181991.01
- UL / CSA File Number (Marquardt): E41791
Characteristics
- Housing material: high-quality stainless steel, actuator material: highly
durable ceramic
- with or without surface backlighting in different colours
- Switching voltage up to 125 VDC respectively 250 VAC, switching cur-
rent up to 16 A
- available with single-pole and double-pole switching system, switching
status is easy to discern by looking at or feeling the resting position of
the actuator
- for use in harsh environments
References
Alternative: switch with latching function:
Alternative: Standard version MSM 16; MSM 27
Alternative: double-pole switch: MSM DP 19; MSM DP 22; MSM DP
30
Alternative: Other diameter
Weblinks
html-datasheet, General Product Information, CE declaration of
conformity, RoHS, CHINA-RoHS, CAD-Drawings, Product News,
Detailed request for product
Technical Data
Electrical Data
Switching Function
N.O.
Number of Poles
1-pole and 2-pole
Supply Voltage
24 VDC Surface backlighting
Impulse Withstand Voltage
(ESD)
4 kV MSM LA CS ST
Switching Voltage
max. 250 VAC, 30 VDC (125 VDC at
0.5 A)
Switching Current
12 A AC / 16 A AC
Rated Switching Capacity
3000 W
Lifetime
0.05 million actuations (250 VAC / 8
A), 0.1 million actuations (125 VDC / 0,5
A), 0.02 million actuations (250 VAC /
16 A)
Contact Resistance
< 100 m
Ω (12 VDC / 1 A)
Insulation Resistance
> 100 M
Ω 500 VDC
Mechanical Data
Actuating Force
10 N
Actuating Travel
5.2 mm,
Lifetime
0.1 million actuations
Contact Gap
3 mm
Shock Protection
IK 07
Tightening Torque Plastic Nut
4.5 Nm for thread M19, 3.5 Nm for M22
Tightening Torque Stainless
Steel Nut
12 Nm for thread M19, 16 Nm for M22
Climatical Data
Operating Temperature
-20 to +85 °C
Storage Temperature
-20 to +85 °C
IP-Protection
IP 64 Front Side Contact Area, IP
40 Front Side mechanical, IP 00 Rear
Side
Salt Spray Test (acc. to DIN
50021-SS)
24 h / 48 h / 96 h Residence Time
Material
Housings
Stainless Steel
Actuator (disc, outside hou-
sing)
Ceramic
Gasket
NBR70
Switcher Collet
PA66 (UL94-V0 related to d
≥ 1.6 mm)
Intermediate Connector
PA66 (UL94-V0 related to d
≥ 1.6 mm)
Contact Pin Adapter
PA66 (UL94-V0 related to d
≥ 1.6 mm)


同様の部品番号 - 3-101-005

メーカー部品番号データシート部品情報
logo
Schurter Inc.
3-101-005 SCHURTER-3-101-005 Datasheet
735Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
More results

同様の説明 - 3-101-005

メーカー部品番号データシート部品情報
logo
Schurter Inc.
MSMLA22 SCHURTER-MSMLA22 Datasheet
1,005Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_V02 Datasheet
863Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLACS19 SCHURTER-MSMLACS19_V02 Datasheet
735Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA22 SCHURTER-MSMLA22_18 Datasheet
1Mb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_16 Datasheet
761Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22 Datasheet
748Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_V02 Datasheet
981Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA19 SCHURTER-MSMLA19 Datasheet
921Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_18 Datasheet
983Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA22 SCHURTER-MSMLA22_V02 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com