データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLS805B1SJV データシート(PDF) 5 Page - Infineon Technologies AG

部品番号 TLS805B1SJV
部品情報  Ultra Low Quiescent Current Linear Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS805B1SJV データシート(HTML) 5 Page - Infineon Technologies AG

  TLS805B1SJV Datasheet HTML 1Page - Infineon Technologies AG TLS805B1SJV Datasheet HTML 2Page - Infineon Technologies AG TLS805B1SJV Datasheet HTML 3Page - Infineon Technologies AG TLS805B1SJV Datasheet HTML 4Page - Infineon Technologies AG TLS805B1SJV Datasheet HTML 5Page - Infineon Technologies AG TLS805B1SJV Datasheet HTML 6Page - Infineon Technologies AG TLS805B1SJV Datasheet HTML 7Page - Infineon Technologies AG TLS805B1SJV Datasheet HTML 8Page - Infineon Technologies AG TLS805B1SJV Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Data Sheet
5
Rev. 1.2 2016-01-11
TLS805B1SJ/LDV
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment in PG-DSO-8 Package
Figure 4
Pin Configuration TLS805B1 in PG-DSO-8 package
3.2
Pin Definitions and Functions in PG-DSO-8 Package
Pin
Symbol
Function
1I
Input
It is recommended to place a small ceramic capacitor (e.g. 100 nF) to GND, close
to the IC terminals, in order to compensate line influences.
2N.C.
Not connected
3EN
Enable
Integrated pull-down resistor.
Enable the IC with high level input signal.
Disable the IC with low level input signal.
4GND
Ground
5N.C.
Not connected
6N.C.
Not connected
7ADJ
Voltage Adjustment
Connect an external voltage divider to determine the output voltage.
8Q
Output
Connect an output capacitor CQ to GND close to the IC’s terminals, respecting the
values specified for its capacitance and ESR in Table 2 “Functional Range” on
Page 9.
Q
ADJ
N.C.
I
N.C.
EN
GND
N.C.
1
3
2
8
7
6
45


同様の部品番号 - TLS805B1SJV

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
More results

同様の説明 - TLS805B1SJV

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
TLS810A1LDV50 INFINEON-TLS810A1LDV50 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-15
TLS810B1EJV33 INFINEON-TLS810B1EJV33 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com