データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74CBTL3125PPG8 データシート(PDF) 5 Page - Integrated Device Technology

部品番号 74CBTL3125PPG8
部品情報  LOW-VOLTAGE QUADRUPLE BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

74CBTL3125PPG8 データシート(HTML) 5 Page - Integrated Device Technology

  74CBTL3125PPG8 Datasheet HTML 1Page - Integrated Device Technology 74CBTL3125PPG8 Datasheet HTML 2Page - Integrated Device Technology 74CBTL3125PPG8 Datasheet HTML 3Page - Integrated Device Technology 74CBTL3125PPG8 Datasheet HTML 4Page - Integrated Device Technology 74CBTL3125PPG8 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74CBTLV3125
LOW-VOLTAGEQUADRUPLEBUSSWITCH
5
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
Datasheet Document History
07/14/2008
Pg. 1
Updated IDT Logo.
12/04/2014
Pg. 5
Updated the ordering information by removing the "IDT" notation, non RoHS part and by
adding Tape and Reel information.
XX
CBTLV
XXX
XX
Package
Device Type
Temp. Range
QG
PGG
74
Quarter-size Small Outline Package - Green
Thin Shrink Small Outline Package - Green
Low-Voltage Quadruple Bus Switch
–40°C to +85°C
3125
Blank
8
X
Tube or Tray
Tape and Reel


同様の部品番号 - 74CBTL3125PPG8

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74CBTLV1621 NEXPERIA-74CBTLV1621 Datasheet
374Kb / 18P
   24-bit bus switch
logo
Renesas Technology Corp
74CBTLV16210 RENESAS-74CBTLV16210 Datasheet
262Kb / 6P
   LOW-VOLTAGE 20-BIT BUS SWITCH
JUNE 2019
logo
Texas Instruments
74CBTLV16210DLG4 TI-74CBTLV16210DLG4 Datasheet
314Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
74CBTLV16210DLG4 TI-74CBTLV16210DLG4 Datasheet
344Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
74CBTLV16210DLG4 TI-74CBTLV16210DLG4 Datasheet
349Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
More results

同様の説明 - 74CBTL3125PPG8

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
IDT74CBTLV3126 IDT-IDT74CBTLV3126 Datasheet
96Kb / 5P
   LOW-VOLTAGE QUADRUPLE BUS SWITCH
logo
Renesas Technology Corp
IDT74CBTLV3125 RENESAS-IDT74CBTLV3125 Datasheet
331Kb / 6P
   LOW-VOLTAGE QUADRUPLE BUS SWITCH
DECEMBER 2014
IDT74CBTLV3126 RENESAS-IDT74CBTLV3126 Datasheet
264Kb / 6P
   LOW-VOLTAGE QUADRUPLE BUS SWITCH
JULY 2008
logo
Integrated Device Techn...
IDT74CBTLV3125 IDT-IDT74CBTLV3125 Datasheet
127Kb / 5P
   LOW-VOLTAGE QUADRUPLE BUS SWITCH
logo
Texas Instruments
SN74CBTLV3125 TI-SN74CBTLV3125 Datasheet
289Kb / 12P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3126 UTC-U74CBTLV3126 Datasheet
211Kb / 7P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBTLV3126 TI-SN74CBTLV3126_04 Datasheet
281Kb / 11P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
80Kb / 6P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3125 UTC-U74CBTLV3125 Datasheet
207Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBTLV3125 TI-SN74CBTLV3125_09 Datasheet
834Kb / 19P
[Old version datasheet]   Low-VOLTAGE QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com