データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74CBTLV3253QG8 データシート(PDF) 2 Page - Integrated Device Technology

部品番号 74CBTLV3253QG8
部品情報  LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

74CBTLV3253QG8 データシート(HTML) 2 Page - Integrated Device Technology

  74CBTLV3253QG8 Datasheet HTML 1Page - Integrated Device Technology 74CBTLV3253QG8 Datasheet HTML 2Page - Integrated Device Technology 74CBTLV3253QG8 Datasheet HTML 3Page - Integrated Device Technology 74CBTLV3253QG8 Datasheet HTML 4Page - Integrated Device Technology 74CBTLV3253QG8 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74CBTLV3253
LOW-VOLTAGEDUAL1-OF-4MULTIPLEXER/DEMULTIPLEXER
PIN CONFIGURATION
QSOP / TSSOP
TOP VIEW
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VCC
SupplyVoltage
2.3
3.6
V
VIH
High-LevelControlInputVoltage
VCC = 2.3V to 2.7V
1.7
V
VCC = 2.7V to 3.6V
2
VIL
Low-LevelControlInputVoltage
VCC = 2.3V to 2.7V
0.7
V
VCC = 2.7V to 3.6V
0.8
TA
OperatingFree-AirTemperature
−40
85
°C
OPERATING CHARACTERISTICS, TA = 25°C(1)
NOTE:
1. All unused control inputs of the device must be held at VCC or GND to ensure proper device operation.
Symbol
Description
Max
Unit
VCC
SupplyVoltage Range
–0.5 to +4.6
V
VI
Input Voltage Range
–0.5 to +4.6
V
Continuous Channel Current
128
mA
IIK
Input Clamp Current, VI/O < 0
–50
mA
TSTG
Storage Temperature
–65 to +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
SIMPLIFIED SCHEMATIC, EACH
SWITCH
VCC
1OE
S0
1B4
2B4
1B3
2B3
1B2
2B2
1B1
2B1
1A
S1
2OE
GND
2A
16
1
314
413
512
6
11
7
10
2
15
9
8
CONTROL
CIRCUITRY
A
B
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don't Care
Inputs
OE
S1
S0
Function
L
L
L
A Port = B1 Port
L
L
H
A Port = B2 Port
L
H
L
A Port = B3 Port
L
H
H
A Port = B4 Port
H
X
X
Disconnect
FUNCTION TABLE(1)
ONE OF TWO 1:4 MUX/DEMUX BANKS


同様の部品番号 - 74CBTLV3253QG8

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
74CBTLV3253QG8 RENESAS-74CBTLV3253QG8 Datasheet
276Kb / 6P
   LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
MAY 2019
More results

同様の説明 - 74CBTLV3253QG8

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
IDT74CBTLV3253 IDT-IDT74CBTLV3253 Datasheet
148Kb / 5P
   LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
logo
Renesas Technology Corp
74CBTLV3253 RENESAS-74CBTLV3253 Datasheet
276Kb / 6P
   LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
MAY 2019
logo
Texas Instruments
SN74CBTLV3253 TI-SN74CBTLV3253_08 Datasheet
732Kb / 17P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3253 TI-SN74CBTLV3253 Datasheet
84Kb / 6P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74CBTLV3253 PHILIPS-74CBTLV3253_15 Datasheet
174Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 4-15 December 2011
logo
Nexperia B.V. All right...
74CBTLV3253 NEXPERIA-74CBTLV3253 Datasheet
326Kb / 18P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 6 - 24 September 2020
logo
NXP Semiconductors
74CBTLV3253BQ NXP-74CBTLV3253BQ Datasheet
174Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 4-15 December 2011
logo
Nexperia B.V. All right...
74CBTLV3253-Q100 NEXPERIA-74CBTLV3253-Q100 Datasheet
893Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com