データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

38111-0 データシート(PDF) 7 Page - TE Connectivity Ltd

部品番号 38111-0
部品情報  Pneumatic Auto- Cycle
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

38111-0 データシート(HTML) 7 Page - TE Connectivity Ltd

  38111-0 Datasheet HTML 1Page - TE Connectivity Ltd 38111-0 Datasheet HTML 2Page - TE Connectivity Ltd 38111-0 Datasheet HTML 3Page - TE Connectivity Ltd 38111-0 Datasheet HTML 4Page - TE Connectivity Ltd 38111-0 Datasheet HTML 5Page - TE Connectivity Ltd 38111-0 Datasheet HTML 6Page - TE Connectivity Ltd 38111-0 Datasheet HTML 7Page - TE Connectivity Ltd 38111-0 Datasheet HTML 8Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
408- 6732
7
of 8
Rev G
8. INSPECTION
The pneumatic unit should be inspected with the
information provided in Figure 5. It is recommended
that the unit be inspected immediately upon its arrival
at your facility, and at regularly scheduled intervals, to
ensure that the unit has not been damaged during
handling.
9. PREVENTIVE MAINTENANCE
Preventive maintenance of the machine is limited to
periodic cleaning, inspection, and lubrication.
Depending on the amount of use, a regular
maintenance program should be established and
maintained, whether daily, weekly, or monthly. This
will greatly reduce downtime for repairs and
replacement of parts. When performing preventive
maintenance, remove cover to gain access to the
machine.
When performing preventive maintenance, MAKE
SURE that the air supply is turned “OFF”.
9.1. Cleaning
Prior to operation, or on a daily basis, perform the
following:
1. Use a CLEAN, dry cloth to wipe the entire
machine. Remove any evidence of dust or other
contaminants.
2. Use a solvent or similar cleaning fluid to remove
any evidence of oil or grease from areas not
requiring lubrication, particularly in the “target
area”.
3. Use an approved--type air hose or vacuum to
remove any chips or metal particles that may be in
the machine.
Compressed air used for cleaning must be
reduced to less than 207 kPa [30 psi], and
effective chip guarding (including eye protection)
must be worn.
9.2. Inspection
Perform the following inspection daily or prior to each
time the machine is to be used.
1. Check to ensure all components of the machine
are secure, and look for evidence of worn or
broken parts.
2. Inspect the pneumatic system for loose
connectors or leakage in the air lines. Repair
and/or replace components as necessary.
3. Check the air supply system and follow the
manufacturer’s instructions for maintenance and
care of the air supply filter/regulator/lubricator.
9.3. Lubrication
Because the bearing is an oilless--type bearing, no
lubrication is necessary. However, the air supply
should be lubricated, as recommended by the
manufacturer, described in Section 4, Machine Setup.
The fluid level in the lubricator should be checked
daily.
DO NOT allow any lubricants to enter the “target
area”. If this should happen, thoroughly clean the
area immediately.
10. STORAGE
If the tool is not used, it must be stored by taking the
following precautions:
1. Store the tool indoors.
2. Grease unpainted parts.
3. Protect this tool from knocks or stresses.
4. Protect the tool from high levels of humidity and
from big temperature changes.
5. Prevent the tool from coming into contact with
corrosive substances.
11.DECOMMISSIONING
In compliance with the regulations in force in the
country where the tool is used, the user must make
sure that waste produced during operation is correctly
disposed of. Disposal of lubricants and parts removed
must be carried out in compliance with the standards
in force in the country where the tool is used.
12. REPLACEMENT AND REPAIR
Customer--replaceable parts are listed in Figure 5.
Parts other than those listed should be replaced by
TE Connectivity to ensure quality and reliability. Order
replacement parts through your representative, or call
1--800--526--5142, or send a facsimile of your
purchase order to 717--986--7605, or write to:
CUSTOMER SERVICE (038--035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105--3608
For customer repair service, call 1--800--526--5136.
DANGER
DANGER
CAUTION
!


同様の部品番号 - 38111-0

メーカー部品番号データシート部品情報
logo
Tyco Electronics
38111 MACOM-38111 Datasheet
328Kb / 15P
   Micro Pneumatic Tooling
More results

同様の説明 - 38111-0

メーカー部品番号データシート部品情報
logo
Rohm
BR93L56RFV-WE2 ROHM-BR93L56RFV-WE2 Datasheet
1Mb / 41P
   Program cycle auto delete and auto end function, Program condition display by READY / BUSY
logo
Unisonic Technologies
UC2000DG-AG6-R UTC-UC2000DG-AG6-R Datasheet
202Kb / 5P
   Cycle-by-Cycle current limiting
UD38251G-SH2-R UTC-UD38251G-SH2-R Datasheet
274Kb / 7P
   Cycle-by-Cycle Over Current Protection
logo
International Rectifier
IR1153S IRF-IR1153S_15 Datasheet
386Kb / 20P
   Cycle by cycle peak current limit
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66_12 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM Self?뭪imed Write Cycle with Auto?뭖lear
April, 2012 ??Rev. 11
logo
Festo Corporation.
151849 FESTO-151849 Datasheet
102Kb / 2P
   Pneumatic valve
151863 FESTO-151863 Datasheet
104Kb / 2P
   Pneumatic valve
536017 FESTO-536017 Datasheet
105Kb / 2P
   Pneumatic valve
546725 FESTO-546725 Datasheet
98Kb / 2P
   Pneumatic valve
9764 FESTO-9764 Datasheet
97Kb / 2P
   Pneumatic valve
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com