データシートサーチシステム |
|
TPCS8204 データシート(PDF) 3 Page - Toshiba Semiconductor |
|
TPCS8204 データシート(HTML) 3 Page - Toshiba Semiconductor |
3 / 7 page TPCS8204 2002-02-14 3 Electrical Characteristics (Ta ==== 25°C) Characteristics Symbol Test Condition Min Typ. Max Unit Gate leakage current IGSS VGS = ±10 V, VDS = 0 V ±10 µA Drain cut-OFF current IDSS VDS = 20 V, VGS = 0 V 10 µA V (BR) DSS ID = 10 mA, VGS = 0 V 20 Drain-source breakdown voltage V (BR) DSX ID = 10 mA, VGS = −12 V 8 V Gate threshold voltage Vth VDS = 10 V, ID = 200 µA 0.5 1.2 V VGS = 2.0 V, ID = 4.2 A 24 35 VGS = 2.5 V, ID = 4.2 A 18 22 Drain-source ON resistance RDS (ON) VGS = 4.0 V, ID = 4.8 A 13 17 m Ω Forward transfer admittance |Yfs| VDS = 10 V, ID = 3.0 A 7.5 15 S Input capacitance Ciss 2160 Reverse transfer capacitance Crss 210 Output capacitance Coss VDS = 10 V, VGS = 0 V, f = 1 MHz 230 pF Rise time tr 5 Turn-ON time ton 13 Fall time tf 10 Switching time Turn-OFF time toff Duty <= 1%, tw = 10 µs 53 ns Total gate charge (gate-source plus gate-drain) Qg 22 Gate-source charge 1 Qgs1 4 Gate-drain (“miller”) charge Qgd VDD ∼− 16 V, VGS = 5 V, ID = 6 A 5 nC Source-Drain Ratings and Characteristics (Ta ==== 25°C) Characteristics Symbol Test Condition Min Typ. Max Unit Drain reverse current Pulse (Note 1) IDRP 24 A Forward voltage (diode) VDSF IDR = 6 A, VGS = 0 V −1.2 V VDD ∼− 10 V 0 V VGS 5 V ID = 3 A VOUT |
同様の部品番号 - TPCS8204 |
|
同様の説明 - TPCS8204 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |