データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHC1G01DFT1G データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC74VHC1G01DFT1G
部品情報  Single 2-Input NAND Gate with Open Drain Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G01DFT1G データシート(HTML) 1 Page - ON Semiconductor

  MC74VHC1G01DFT1G Datasheet HTML 1Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 2Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 3Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 4Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 5Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
December, 2016 − Rev. 16
1
Publication Order Number:
MC74VHC1G01/D
MC74VHC1G01
Single 2-Input NAND Gate
with Open Drain Output
The MC74VHC1G01 is an advanced high speed CMOS 2−input
NAND gate with an open drain output fabricated with silicon gate
CMOS technology.
The internal circuit is composed of multiple stages, including an
open drain output which provides the ability to set output switching
level. This allows the MC74VHC1G01 to be used to interface 5 V
circuits to circuits of any voltage between VCC and 7 V using an
external resistor and power supply.
The MC74VHC1G01 input structure provides protection when
voltages up to 7 V are applied, regardless of the supply voltage.
Features
High Speed: tPD = 3.7 ns (Typ) at VCC = 5 V
Low Internal Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Pin and Function Compatible with Other Standard Logic Families
Chip Complexity: FETs = 62
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
5
1
2
4
3
VCC
IN B
IN A
OUT Y
GND
IN A
IN B
OUT Y
&
OVT
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
www.onsemi.com
MARKING
DIAGRAMS
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
V0
= Device Code
M
= Date Code*
G
= Pb−Free Package
SC−88A / SOT−353 / SC−70
DF SUFFIX
CASE 419A
TSOP−5 / SOT−23 / SC−59
DT SUFFIX
CASE 483
V0 M
G
G
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
Z
Z
Z
L
Y
PIN ASSIGNMENT
1
2
3
GND
IN B
IN A
4
5VCC
OUT Y
(Note: Microdot may be in either location)
1
5
V0 M
G
G
*Date Code orientation and/or position may
vary depending upon manufacturing location.


同様の部品番号 - MC74VHC1G01DFT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHC1G01DFT1G ONSEMI-MC74VHC1G01DFT1G Datasheet
78Kb / 6P
   2-Input NAND Gate with Open Drain Output
June, 2005 ??Rev. 14
MC74VHC1G01DFT1G ONSEMI-MC74VHC1G01DFT1G Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G01DFT1G ONSEMI-MC74VHC1G01DFT1G Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
MC74VHC1G01DFT1G-L22038 ONSEMI-MC74VHC1G01DFT1G-L22038 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
More results

同様の説明 - MC74VHC1G01DFT1G

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38_17 Datasheet
723Kb / 19P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38_18 Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38_017 TI1-SN74LVC1G38_017 Datasheet
1Mb / 34P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_V01 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
logo
Texas Instruments
SN74LVC1G38 TI-SN74LVC1G38 Datasheet
263Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com