データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M74VHC1GT04DFT1G データシート(PDF) 1 Page - ON Semiconductor

部品番号 M74VHC1GT04DFT1G
部品情報  Inverting Buffer / CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1GT04DFT1G データシート(HTML) 1 Page - ON Semiconductor

  M74VHC1GT04DFT1G Datasheet HTML 1Page - ON Semiconductor M74VHC1GT04DFT1G Datasheet HTML 2Page - ON Semiconductor M74VHC1GT04DFT1G Datasheet HTML 3Page - ON Semiconductor M74VHC1GT04DFT1G Datasheet HTML 4Page - ON Semiconductor M74VHC1GT04DFT1G Datasheet HTML 5Page - ON Semiconductor M74VHC1GT04DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 18
1
Publication Order Number:
MC74VHC1GT04/D
MC74VHC1GT04
Inverting Buffer /
CMOS Logic Level Shifter
LSTTL−Compatible Inputs
The MC74VHC1GT04 is a single gate inverting buffer fabricated
with silicon gate CMOS technology. It achieves high speed operation
similar to equivalent Bipolar Schottky TTL while maintaining CMOS
low power dissipation.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output.
The device input is compatible with TTL−type input thresholds and
the output has a full 5 V CMOS level output swing. The input protection
circuitry on this device allows overvoltage tolerance on the input,
allowing the device to be used as a logic−level translator from 3 V
CMOS logic to 5 V CMOS Logic or from 1.8 V CMOS logic to 3 V
CMOS Logic while operating at the high−voltage power supply.
The MC74VHC1GT04 input structure provides protection when
voltages up to 7.0 V are applied, regardless of the supply voltage. This
allows the MC74VHC1GT04 to be used to interface 5 V circuits to
3 V circuits. The output structures also provide protection
when VCC = 0 V. These input and output structures help prevent
device destruction caused by supply voltage − input/output voltage
mismatch, battery backup, hot insertion, etc.
Features
High Speed: tPD = 3.8 ns (Typ) at VCC = 5 V
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2 V
CMOS−Compatible Outputs: VOH > 0.8 VCC; VOL < 0.1 VCC @ Load
Power Down Protection Provided on Inputs and Outputs
Balanced Propagation Delays
Pin and Function Compatible with Other Standard Logic Families
Chip Complexity: FETs = 105; Equivalent Gates = 26
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
IN A
OUT Y
1
VCC
NC
IN A
OUT Y
GND
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
1
2
34
5
www.onsemi.com
MARKING
DIAGRAMS
SC−88A
DF SUFFIX
CASE 419A
TSOP−5
DT SUFFIX
CASE 483
1
1
5
5
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
PIN ASSIGNMENT
1
2
3
GND
NC
IN A
4
5VCC
OUT Y
FUNCTION TABLE
L
H
A Input
Y Output
H
L
1
5
VK M
G
G
VK
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may vary
depending upon manufacturing location.
1
5
VK M
G
G


同様の部品番号 - M74VHC1GT04DFT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
M74VHC1GT04DFT1G ONSEMI-M74VHC1GT04DFT1G Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
M74VHC1GT04DFT1G ONSEMI-M74VHC1GT04DFT1G Datasheet
127Kb / 6P
   Inverting Buffer CMOS Logic Level Shifter
February, 2013 ??Rev. 16
M74VHC1GT04DFT1G ONSEMI-M74VHC1GT04DFT1G Datasheet
206Kb / 15P
   Single Inverter
November, 2018 ??Rev. 17
M74VHC1GT04DFT1G ONSEMI-M74VHC1GT04DFT1G Datasheet
141Kb / 16P
   Single Inverter
March, 2022 ??Rev. 21
More results

同様の説明 - M74VHC1GT04DFT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
NL17SHT04 ONSEMI-NL17SHT04 Datasheet
103Kb / 5P
   Inverting Buffer CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT04DT1G ONSEMI-MC74VHC1GT04DT1G Datasheet
127Kb / 6P
   Inverting Buffer CMOS Logic Level Shifter
February, 2013 ??Rev. 16
MC74VHC1GT04 ONSEMI-MC74VHC1GT04 Datasheet
186Kb / 8P
   Inverting Buffer/CMOS Logic Level Shifter
November, 1999 ??Rev. 1
logo
Leshan Radio Company
L74VHC1GT04 LRC-L74VHC1GT04 Datasheet
372Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
E-Tech Electronics LTD
MC74VHC1GT04 ETL-MC74VHC1GT04 Datasheet
581Kb / 4P
   Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT125DF1G ONSEMI-MC74VHC1GT125DF1G Datasheet
138Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
September, 2012 ??Rev. 14
logo
First Silicon Co., Ltd
FC74VHC1G50 FS-FC74VHC1G50 Datasheet
398Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT126 ONSEMI-MC74VHC1GT126 Datasheet
134Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
May, 2012 ??Rev. 15
logo
Leshan Radio Company
L74VHC1G50 LRC-L74VHC1G50 Datasheet
434Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com