データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0001.1014.PT データシート(PDF) 2 Page - Schurter Inc.

部品番号 0001.1014.PT
部品情報  Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHURTER [Schurter Inc.]
ホームページ  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0001.1014.PT データシート(HTML) 2 Page - Schurter Inc.

  0001.1014.PT Datasheet HTML 1Page - Schurter Inc. 0001.1014.PT Datasheet HTML 2Page - Schurter Inc. 0001.1014.PT Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
SP 5x20 Pigtail
www.schurter.com /PG01_2
Fuses
Pre-Arcing Time
Rated Current In
1.5 x In min.
2.1 x In max. 2.75 x In min. 2.75 x In max. 4.0 x In min.
4.0 x In max. 10.0 x In max.
0.5 A - 4 A
60 min
30 min
10 ms
2 s
3 ms
300 ms
20 ms
5 A - 6.3 A
60 min
30 min
10 ms
3 s
3 ms
300 ms
20 ms
8 A - 10 A
30 min
30 min
40 ms
20 s
10 ms
1 s
30 ms
12.5 A - 16 A
15 min
30 min
40 ms
20 s
10 ms
1 s
30 ms
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
≤ 4 A
5 – 6.3 A
_> 8 A
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.5 In
max. [mW]
Power Dissi-
pation 1.5 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.5
250
1)
1800
830
2500
2400
0.098
l
0001.1001.PT
0.5
250
1)
1800
830
2500
2400
0.098
l
0001.1001.TR
0.63
250
1)
1500
800
2500
2400
0.207
l
0001.1002.PT
0.63
250
1)
1500
800
2500
2400
0.207
l
0001.1002.TR
0.8
250
1)
1200
580
2500
2400
0.469
l
0001.1003.PT
0.8
250
1)
1200
580
2500
2400
0.469
l
0001.1003.TR
1
250
1)
1000
600
2500
2500
0.75
l
0001.1004.PT
1
250
1)
1000
600
2500
2500
0.75
l
0001.1004.TR
1.25
250
1)
800
270
4000
1000
0.538
l
0001.1005.PT
1.25
250
1)
800
270
4000
1000
0.538
l
0001.1005.TR
1.6
250
1)
600
350
4000
1600
0.755
l
0001.1006.PT
1.6
250
1)
600
350
4000
1600
0.755
l
0001.1006.TR
2
250
1)
500
260
4000
1600
2
l
0001.1007.PT
2
250
1)
500
260
4000
1600
2
l
0001.1007.TR
2.5
250
1)
400
260
4000
1900
3.28
l
0001.1008.PT
2.5
250
1)
400
260
4000
1900
3.28
l
0001.1008.TR
3.15
250
1)
350
210
4000
1900
6.78
l
0001.1009.PT
3.15
250
1)
350
210
4000
1900
6.78
l
0001.1009.TR
4
250
1)
300
200
4000
2400
12.6
l
0001.1010.PT
4
250
1)
300
200
4000
2400
12.6
l
0001.1010.TR


同様の部品番号 - 0001.1014.PT

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
0001.1014.PT CHERRY-0001.1014.PT Datasheet
438Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
More results

同様の説明 - 0001.1014.PT

メーカー部品番号データシート部品情報
logo
Schurter Inc.
SP5X20PIGTAIL SCHURTER-SP5X20PIGTAIL Datasheet
284Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
SP5X20PIGTAIL SCHURTER-SP5X20PIGTAIL_V01 Datasheet
296Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
04.01.2022
FSF5X20PIGTAIL SCHURTER-FSF5X20PIGTAIL_V01 Datasheet
295Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
29.09.2021
00341513XX SCHURTER-00341513XX Datasheet
415Kb / 2P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
FSF5X20PIGTAIL SCHURTER-FSF5X20PIGTAIL Datasheet
283Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
0034.1506.TR SCHURTER-0034.1506.TR Datasheet
251Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
FSF5X20PIGTAIL SCHURTER-FSF5X20PIGTAIL_V02 Datasheet
295Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
04.01.2022
SP5X20 SCHURTER-SP5X20 Datasheet
306Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
00011001 SCHURTER-00011001 Datasheet
338Kb / 2P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL Datasheet
314Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com